Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA5752 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # SA5752
Description  Audio processor - companding, VOX and amplifier section
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA5752 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button SA5752 Datasheet HTML 5Page - NXP Semiconductors SA5752 Datasheet HTML 6Page - NXP Semiconductors SA5752 Datasheet HTML 7Page - NXP Semiconductors SA5752 Datasheet HTML 8Page - NXP Semiconductors SA5752 Datasheet HTML 9Page - NXP Semiconductors SA5752 Datasheet HTML 10Page - NXP Semiconductors SA5752 Datasheet HTML 11Page - NXP Semiconductors SA5752 Datasheet HTML 12Page - NXP Semiconductors SA5752 Datasheet HTML 13Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
Philips Semiconductors
Product specification
SA5752
Audio processor – companding, VOX and amplifier section
1997 Nov 07
11
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
Noise Cancellation Switching Amplifier
DYNAMIC RESPSONSE
Voice Activated Transmitter (VOX)
DYNAMIC RESPSONSE
1
4
1
3
MICIN
NCANOUT
30.0mV/div
30.0mV/div
30.0mV/div
1.00V/div
NCANOUT
VOXOUT
VOXCTL
PIN 1
PIN 20
PIN 20
PIN 5
= LOW
50.0ms/div
50.0ms/div
STOP MARKER:
START MARKER:
∆t:
11.960 ms
0.00000 s
11.960 ms
STOP MARKER:
START MARKER:
∆t:
120.000 ms
0.00000 s
120.000 ms
SR00665
Figure 9. Typical Performance Characteristics (cont.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com