Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA5752 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # SA5752
Description  Audio processor - companding, VOX and amplifier section
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA5752 Datasheet(HTML) 4 Page - NXP Semiconductors

  SA5752 Datasheet HTML 1Page - NXP Semiconductors SA5752 Datasheet HTML 2Page - NXP Semiconductors SA5752 Datasheet HTML 3Page - NXP Semiconductors SA5752 Datasheet HTML 4Page - NXP Semiconductors SA5752 Datasheet HTML 5Page - NXP Semiconductors SA5752 Datasheet HTML 6Page - NXP Semiconductors SA5752 Datasheet HTML 7Page - NXP Semiconductors SA5752 Datasheet HTML 8Page - NXP Semiconductors SA5752 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Philips Semiconductors
Product specification
SA5752
Audio processor – companding, VOX and amplifier section
1997 Nov 07
4
ABSOLUTE MAXIMUM RATINGS
SYMBOL
PARAMETER
RATING
UNIT
VCC
Power supply voltage range
-0.3 to 6
V
VIN
Voltage applied to any other pin
-0.3 to (VCC+0.3)
V
TSTG
Storage temperature
-65 to +150
oC
TA
Ambient operating temperature
-40 to +85
°C
DC ELECTRICAL CHARACTERISTICS
TA = 25oC, VCC = +3.0V, 0dB = 77.5mVRMS. See test circuit, Figure 6.
SYMBOL
PARAMETER
TEST CONDITIONS
LIMITS
UNIT
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VCC
Supply voltage
2.74
3.0
5.5
V
ICC
Supply current
No signal
Power down mode
3.1
125
4.0
mA
µA
ZL
Load impedance
pins NCANOUT, EXPOUT
50
k
Ω
COMPOUT1
10
k
Ω
ZIN
Input impedance
COMPIN, MICIN
40
50
60
k
Ω
EXPIN2
2.0
k
Ω
Noise cancellation current
Pin 6
25
µA
VOS
DC offset NCANOUT3
-50
–3.0
50
mV
NOTES:
1. Compressor is tested in production with 50k
Ω load.
2. Not tested in production.
3. Offset values are identical for both gain states of noise reduction circuit.
4. Operational down to VCC = 2V.
AC ELECTRICAL CHARACTERISTICS
TA = 25oC, VCC = +3.0V, 0dB level = 77.5mVRMS. See test circuit, Figure 6.
SYMBOL
PARAMETER
TEST CONDITIONS
LIMITS
UNIT
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Preamplifier gain range
Preamplifier voltage gain 0dB
Preamplifier voltage gain 40dB
Pin 2 open
Pin 2 AC ground
0
-1.0
39.0
0
40
40
1.0
41.0
dB
dB
dB
Preamplifier noise density
Pin 2 AC grounded
RS = 50k
Ω
unweighted 20Hz-20kHz
7
nV/
√Hz
weighted CCIR
DIN45405 20-20kHz
8
nV/
√Hz
Switch amplifier gain
9
10
11
dB
Compandor 1kHz, all tests1
COMPOUT
Compressor error at -21dB output level
Input level = -42dB
–1.0
–0.16
1.0
dB
COMPOUT
Compressor error at -10dB output level
Input level = -20dB
-1.0
–0.11
1.0
dB
COMPOUT
Compressor error at 0dB output level
Input level = 0dB
-1.5
+0.1
1.5
dB
COMPOUT
Compressor error at +5dB output level
Input level = +10dB
-1.0
+0.04
1.0
dB
COMPOUT
Compressor error at +10dB output level
Input level = +20dB
-1.0
+0.02
1.0
dB
EXPOUT
Expandor error at -42dB output level
Input level = -21dB
–1.0
–0.12
1.0
dB
EXPOUT
Expandor error at -21dB output level
Input level = -10.5dB
-1.0
+0.1
1.0
dB
EXPOUT
Expandor error at -10dB output level
Input level = -5dB
-1.0
+0.03
1.0
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com