Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA575D Datasheet(PDF) 5 Page - NXP Semiconductors

Part # SA575D
Description  Low voltage compandor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA575D Datasheet(HTML) 5 Page - NXP Semiconductors

  SA575D Datasheet HTML 1Page - NXP Semiconductors SA575D Datasheet HTML 2Page - NXP Semiconductors SA575D Datasheet HTML 3Page - NXP Semiconductors SA575D Datasheet HTML 4Page - NXP Semiconductors SA575D Datasheet HTML 5Page - NXP Semiconductors SA575D Datasheet HTML 6Page - NXP Semiconductors SA575D Datasheet HTML 7Page - NXP Semiconductors SA575D Datasheet HTML 8Page - NXP Semiconductors SA575D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Philips Semiconductors
Product specification
SA575
Low voltage compandor
1997 Nov 07
5
voltage between Pins 4 and 9 will cause small offset error current in
the rectifier cell. This will affect the accuracy of the gain cell. This
can be improved by using an extra capacitor from the input to Pin 4
and eliminating the DC connection between Pins 4 and 9.
The expandor gain expression and the attack and release time
constant is given by Equation 1 and Equation 2, respectively.
4VIN(avg)
3.8k x 100
µA
where VIN(avg) = 0.95VIN(RMS)
τR = τA = 10k x CRECT = 10k x C4
Expandor gain =
Equation 2.
Equation 1.
COMPRESSOR
The typical compressor configuration is shown in Figure 4. In this
mode, the rectifier cell and variable gain cell are in the feedback
path. R6 and R7 provide the DC feedback to the summing amplifier.
The input is AC coupled through C12 and output is AC coupled
through C8. In a system with inputs and outputs AC coupled, C8
and C12 could be eliminated and only R6, R7, C7, and C13 would
be required. If the external components R6, R7 and C7 are
eliminated, then the output of the summing amplifier will motor-boat
in absence of signals or at extremely low signals. This is because
there is no DC feedback path from the output to input. In the
presence of an AC signal this phenomenon is not observed and the
circuit will appear to function properly.
The compressor gain expression and the attack and release time
constant is given by Equation 3 and Equation 4, respectively.
4VIN(avg)
3.8k x 100
µA
where VIN(avg) = 0.95VIN(RMS)
τR = τA = 10k x CRECT = 10k x C4
1/2
Compressor gain =
Equation 3.
Equation 4.
AUTOMATIC LEVEL CONTROL
The typical Automatic Level Control circuit configuration is shown in
Figure 5. It can be seen that it is quite similar to the compressor
schematic except that the input to the rectifier cell is from the input
path and not from the feedback path. The input is AC coupled
through C12 and C13 and the output is AC coupled through C8.
Once again, as in the previous cases, if the system input and output
signals are already AC coupled, then C12, C13 and C8 could be
eliminated. Concerning the compressor, removing R6, R7 and C7
will cause motor-boating in absence of signals. CCOMP is necessary
to stabilize the summing amplifier at higher input levels. This circuit
provides an input dynamic range greater than 60dB with the output
within +0.5dB typical. The necessary design expressions are given
by Equation 5 and Equation 6, respectively.
4VIN(avg)
3.8k x 100
µA
τR = τA = 10k x CRECT = 10k x C9
Equation 5.
Equation 6.
ALC gain =
2.2
µF
10
µF
10
µF
VREF
∆G
Σ
EXP IN
EXP OUT
10k
C5
9
4
3.8k
5
C4
C3
10k
7
6
8
SR00705
Figure 3. Typical Expandor Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com