Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA575D Datasheet(PDF) 10 Page - NXP Semiconductors

Part # SA575D
Description  Low voltage compandor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA575D Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button SA575D Datasheet HTML 6Page - NXP Semiconductors SA575D Datasheet HTML 7Page - NXP Semiconductors SA575D Datasheet HTML 8Page - NXP Semiconductors SA575D Datasheet HTML 9Page - NXP Semiconductors SA575D Datasheet HTML 10Page - NXP Semiconductors SA575D Datasheet HTML 11Page - NXP Semiconductors SA575D Datasheet HTML 12Page - NXP Semiconductors SA575D Datasheet HTML 13Page - NXP Semiconductors SA575D Datasheet HTML 14Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Philips Semiconductors
Product specification
SA575
Low voltage compandor
1997 Nov 07
10
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
10
100
1000
10000
30000
8
6
4
2
0
–2
–4
–6
–8
–10
–12
–14
–16
–18
–20
–22
INPUT
OUTPUT
GENERAL DIAGRAM
VCC = 5V
10
µF
∆G
4.7
µF
REC
SUM
(20–20kHz)
FREQUENCY (Hz)
2.5dB IN
0dB IN
-10dB IN
SR00711
Figure 9. Expandor Output Frequency Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com