Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP7731DF Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP7731DF
Description  Compact 25W Class D Stereo Bridged Audio Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP7731DF Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP7731DF Datasheet HTML 1Page - Monolithic Power Systems MP7731DF Datasheet HTML 2Page - Monolithic Power Systems MP7731DF Datasheet HTML 3Page - Monolithic Power Systems MP7731DF Datasheet HTML 4Page - Monolithic Power Systems MP7731DF Datasheet HTML 5Page - Monolithic Power Systems MP7731DF Datasheet HTML 6Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
EV0045 (MP7731)
Compact 25W Class D
Stereo Bridged Audio Amplifier
EVALUATION BOARD – PRELIMINARY INFORMATION
06/04, Rev. 1.3
www.MonolithicPower.com
1
Monolithic Power Systems
GENERAL DESCRIPTION
The EV0045 is a stereo evaluation board
featuring MPS’ MP7731 Class D Full Bridge
Audio Amplifier. The EV0045 can deliver 25W
into a 4Ω load with a 14.5V input supply.
The MP7731 is a mono 30W Class D Audio
Amplifier. It is one of MPS’ second generation
of fully integrated audio amplifiers which
dramatically reduces solution size by integrating
the following:
• 180mΩ power MOSFETs
• Start up / shut down pop elimination
• Short circuit protection circuits
• Mute / Standby Mode
The MP7731 utilizes a full bridge output
structure capable of delivering 30W into 4Ω
speakers. As in all other MPS Class D Audio
Amplifiers, this device exhibits the high fidelity
of a Class A/B amplifier at efficiencies greater
than 90%.
FEATURES
• 25W into 4Ω with 14.5V Input
• 90% Efficiency at 5W
• 9.5V to 14.5V Supply Voltage Operation
• Full Bridge Output Drive
• Integrated 180mΩ Switches
• Turn On / Turn Off Click and Pop
Suppression
• Integrated Short Circuit Protection
• Integrated Thermal shutdown
• Mute / Standby Mode
APPLICATIONS
• Notebook and Multimedia Computers
• Television and Home Theatre Systems
• DVD and VCR Players
, “MPS”, “Monolithic Power Systems”, and “The Future of Analog IC
Technology” are Registered Trademarks of Monolithic Power Systems, Inc.
EVALUATION BOARD
Dimensions (1.9”X x 1.2”Y)
Board Number
MPS IC Number
EV0045
MP7731DF
ABSOLUTE MAXIMUM RATINGS
Supply Voltage VIN....................................... 26V
BS Voltage.......................VSW-0.3V to VSW+6.5V
Enable Voltage VEN...........................-0.3V to 6V
VSW, VPIN, VNIN .............................. -1V to VDD+1V
AGND to PGND.............................-0.3V to 0.3V
Recommended Operating Conditions
Input Voltage VDD.......................... 9.5V to 14.5V
Signal Input Voltage ..............................±1V rms
Signal Input Frequency............... 20Hz to 20kHz
Signal Source Impedance ..........less than 600Ω
External Enable Input ........................... 0V to 5V
Speaker Resistance ............................ 4Ω to 8Ω


Similar Part No. - MP7731DF

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP7731DF MPS-MP7731DF Datasheet
274Kb / 9P
5W - 30W Class D Mono Bridged Audio Amplifier
More results

Similar Description - MP7731DF

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7490 STMICROELECTRONICS-TDA7490 Datasheet
193Kb / 10P
25W 25W STEREO CLASS-D AMPLIFIER 50W MONO IN BTL
Rev. 6
logo
List of Unclassifed Man...
ZA2030 ETC1-ZA2030 Datasheet
154Kb / 5P
AAM 30W Class-D Bridged Audio Amplifier
logo
Monolithic Power System...
MP7731 MPS-MP7731 Datasheet
274Kb / 9P
5W - 30W Class D Mono Bridged Audio Amplifier
MP7782 MPS-MP7782 Datasheet
344Kb / 8P
50W Class D Mono Bridged Audio Amplifier
MPQ7731 MPS-MPQ7731 Datasheet
249Kb / 10P
5W - 30W Class D Mono Bridged Audio Amplifier
EV7731DF-00A MPS-EV7731DF-00A Datasheet
209Kb / 6P
30W Class D Mono Bridged Audio Amplifier
EV7782DF-01A MPS-EV7782DF-01A Datasheet
370Kb / 6P
40W Class D Stereo Bridged Audio Amplifier
EV7782DF-02 MPS-EV7782DF-02 Datasheet
403Kb / 6P
40W Class D Stereo Bridged Audio Amplifier Evaluation Board
EV7782DF-02B MPS-EV7782DF-02B Datasheet
537Kb / 7P
40W Class D Stereo Bridged Audio Amplifier Evaluation Board
logo
Analog Devices
SSM2380 AD-SSM2380 Datasheet
691Kb / 32P
Filterless, Stereo, Class-D Audio Amplifier
2/11-Rev. 0 to Rev. A
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com