Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST16C554D Datasheet(PDF) 21 Page - Exar Corporation

Part # ST16C554D
Description  2.97V TO 5.5V QUAD UART WITH 16-BYTE FIFO
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

ST16C554D Datasheet(HTML) 21 Page - Exar Corporation

Back Button ST16C554D Datasheet HTML 17Page - Exar Corporation ST16C554D Datasheet HTML 18Page - Exar Corporation ST16C554D Datasheet HTML 19Page - Exar Corporation ST16C554D Datasheet HTML 20Page - Exar Corporation ST16C554D Datasheet HTML 21Page - Exar Corporation ST16C554D Datasheet HTML 22Page - Exar Corporation ST16C554D Datasheet HTML 23Page - Exar Corporation ST16C554D Datasheet HTML 24Page - Exar Corporation ST16C554D Datasheet HTML 25Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 39 page
background image
ST16C554/554D
21
REV. 4.0.1
2.97V TO 5.5V QUAD UART WITH 16-BYTE FIFO
LCR[5]: TX and RX Parity Select
If the parity bit is enabled, LCR BIT-5 selects the forced parity format.
• LCR BIT-5 = logic 0, parity is not forced (default).
• LCR BIT-5 = logic 1 and LCR BIT-4 = logic 0, parity bit is forced to HIGH for the transmit and receive data.
• LCR BIT-5 = logic 1 and LCR BIT-4 = logic 1, parity bit is forced to LOW for the transmit and receive data.
LCR[6]: Transmit Break Enable
When enabled, the Break control bit causes a break condition to be transmitted (the TX output is forced to a
“space’, logic 0, state). This condition remains, until disabled by setting LCR bit-6 to a logic 0.
• Logic 0 = No TX break condition. (default)
• Logic 1 = Forces the transmitter output (TX) to a “space”, logic 0, for alerting the remote receiver of a line
break condition.
LCR[7]: Baud Rate Divisors Enable
Baud rate generator divisor (DLL/DLM) enable.
• Logic 0 = Data registers are selected (default).
• Logic 1 = Divisor latch registers are selected.
4.7
Modem Control Register (MCR) or General Purpose Outputs Control - Read/Write
The MCR register is used for controlling the serial/modem interface signals or general purpose inputs/outputs.
MCR[0]: DTR# Output
The DTR# pin is a modem control output. If the modem interface is not used, this output may be used as a
general purpose output.
• Logic 0 = Force DTR# output HIGH (default).
• Logic 1 = Force DTR# output LOW.
MCR[1]: RTS# Output
The RTS# pin is a modem control output. If the modem interface is not used, this output may be used as a
general purpose output.
• Logic 0 = Force RTS# output HIGH (default).
• Logic 1 = Force RTS# output LOW.
MCR[2]: Reserved
OP1# is not available as an output pin on the 554. But it is available for use during Internal Loopback Mode. In
the Loopback Mode, this bit is used to write the state of the modem RI# interface signal.
TABLE 11: PARITY SELECTION
LCR BIT-5 LCR BIT-4 LCR BIT-3
PARITY SELECTION
X
X
0
No parity
0
0
1
Odd parity
0
1
1
Even parity
1
0
1
Force parity to mark, HIGH
1
1
1
Forced parity to space, LOW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com