Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST16C554D Datasheet(PDF) 39 Page - Exar Corporation

Part # ST16C554D
Description  2.97V TO 5.5V QUAD UART WITH 16-BYTE FIFO
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

ST16C554D Datasheet(HTML) 39 Page - Exar Corporation

Back Button ST16C554D Datasheet HTML 31Page - Exar Corporation ST16C554D Datasheet HTML 32Page - Exar Corporation ST16C554D Datasheet HTML 33Page - Exar Corporation ST16C554D Datasheet HTML 34Page - Exar Corporation ST16C554D Datasheet HTML 35Page - Exar Corporation ST16C554D Datasheet HTML 36Page - Exar Corporation ST16C554D Datasheet HTML 37Page - Exar Corporation ST16C554D Datasheet HTML 38Page - Exar Corporation ST16C554D Datasheet HTML 39Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 39 / 39 page
background image
ST16C554/554D
II
REV. 4.0.1
2.97V TO 5.5V QUAD UART WITH 16-BYTE FIFO
4.10 SCRATCH PAD REGISTER (SPR) - READ/WRITE ....................................................................................... 24
4.11 BAUD RATE GENERATOR REGISTERS (DLL AND DLM) - READ/WRITE................................................. 24
TABLE 13: UART RESET CONDITIONS FOR CHANNELS A-D ................................................................................................. 25
ABSOLUTE MAXIMUM RATINGS ................................................................................. 26
TYPICAL PACKAGE THERMAL RESISTANCE DATA (MARGIN OF ERROR: ± 15%) 26
ELECTRICAL CHARACTERISTICS............................................................................... 26
DC ELECTRICAL CHARACTERISTICS............................................................................................................. 26
AC ELECTRICAL CHARACTERISTICS............................................................................................................. 27
TA = 0O TO +70OC (-40O TO +85OC FOR INDUSTRIAL GRADE PACKAGE), VCC IS 2.97 TO 5.5V, 70 PF LOAD WHERE
APPLICABLE
................................................................................................................................................ 27
FIGURE 11. CLOCK TIMING............................................................................................................................................................. 28
FIGURE 12. MODEM INPUT/OUTPUT TIMING FOR CHANNELS A-D .................................................................................................... 29
FIGURE 13. 16 MODE (INTEL) DATA BUS READ TIMING FOR CHANNELS A-D ................................................................................... 29
FIGURE 14. 16 MODE (INTEL) DATA BUS WRITE TIMING FOR CHANNELS A-D .................................................................................. 30
FIGURE 15. 68 MODE (MOTOROLA) DATA BUS READ TIMING FOR CHANNELS A-D........................................................................... 30
FIGURE 17. RECEIVE READY & INTERRUPT TIMING [NON-FIFO MODE] FOR CHANNELS A-D ............................................................ 31
FIGURE 16. 68 MODE (MOTOROLA) DATA BUS WRITE TIMING FOR CHANNELS A-D ......................................................................... 31
FIGURE 18. TRANSMIT READY & INTERRUPT TIMING [NON-FIFO MODE] FOR CHANNELS A-D .......................................................... 32
FIGURE 19. RECEIVE READY & INTERRUPT TIMING [FIFO MODE, DMA DISABLED] FOR CHANNELS A-D........................................... 32
FIGURE 20. RECEIVE READY & INTERRUPT TIMING [FIFO MODE, DMA ENABLED] FOR CHANNELS A-D............................................ 33
FIGURE 21. TRANSMIT READY & INTERRUPT TIMING [FIFO MODE, DMA MODE DISABLED] FOR CHANNELS A-D .............................. 33
FIGURE 22. TRANSMIT READY & INTERRUPT TIMING [FIFO MODE, DMA MODE ENABLED] FOR CHANNELS A-D ............................... 34
PACKAGE DIMENSIONS................................................................................................................................ 35
REVISION HISTORY ..................................................................................................................................... 37
TABLE OF CONTENTS ..................................................................................................... I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com