Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MK91-R11/24VDC Datasheet(PDF) 2 Page - Turck, Inc.

Part # MK91-R11/24VDC
Description  Level controller 1-channel
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TURCK [Turck, Inc.]
Direct Link  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.

MK91-R11/24VDC Datasheet(HTML) 2 Page - Turck, Inc.

  MK91-R11/24VDC Datasheet HTML 1Page - Turck, Inc. MK91-R11/24VDC Datasheet HTML 2Page - Turck, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Hans Turck GmbH & Co.KG ñ D-45472 Mülheim an der Ruhr ñ Witzlebenstraße 7 ñ Tel. 0208 4952-0 ñ Fax 0208 4952-264 ñ more@turck.com ñ www.turck.com2 / 2
Type
MK91-R11/24VDC
ID
7525202
Nominal voltage
24 VDC
Operating voltage
19…29 VDC
Power consumption
ð
0.5 W
Input circuits
2 electrodes
Schaltpunkt
40 kò
Probe voltage
±2 V/50 μA/3 Hz
Hysterese
5 %
Output circuits
Output circuits (digital)
1 x relay (change-over)
Output switching voltage relay
ð
30 VDC / ð 250 VAC
Switching current per output
ð
3 A
Switching frequency
ð
5 Hz
Galvanic isolation
Test voltage
4.0 kV
Displays/Operating elements
Operational readiness
Green
Switching state
Yellow
Mechanical data
Protection class
IP20
Ambient temperature
-25…+60 °C
Storage temperature
-40…+80 °C
Dimensions
89 x 18 x 70 mm
Weight
78 g
Mounting instructions
DIN rail (NS35) or panel
Housing material
Polycarbonate/ABS
Electrical connection
4 × 2-pin flat terminals with self-lifting pressure
plates
Terminal cross-section
1 × 2.5 mm²/2 × 1.5 mm²
Dimensions



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com