Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MK91-R11/24VDC Datasheet(PDF) 1 Page - Turck, Inc.

Part # MK91-R11/24VDC
Description  Level controller 1-channel
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TURCK [Turck, Inc.]
Direct Link  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.

MK91-R11/24VDC Datasheet(HTML) 1 Page - Turck, Inc.

  MK91-R11/24VDC Datasheet HTML 1Page - Turck, Inc. MK91-R11/24VDC Datasheet HTML 2Page - Turck, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Hans Turck GmbH & Co.KG ñ D-45472 Mülheim an der Ruhr ñ Witzlebenstraße 7 ñ Tel. 0208 4952-0 ñ Fax 0208 4952-264 ñ more@turck.com ñ www.turck.com1 / 2
Level controller
1-channel
MK91-R11/24VDC
The 1-channel level controller MK91-
R11/24VDC regulates conductive liquid levels.
Electrodes connected to the device analyse
the resistance of the liquid against the con-
tainer mass.
A square-wave AC voltage signal is applied
to the electrode. This enables DC-free and
therefore electrolytic-free measurement of the
liquid resistance.
The device has a relay output with a
changeover contact.
The switchpoint of the level controller is set to
R
m
= 40 kò (different values on request). If the
response sensitivity falls below the set point,
the relay is energized with a delay of 10 s.
The switching status of the output is indicated
by a yellow LED and operational readiness by
a green LED.
The device provides protection against re-
verse polarity and transient surge protection.
■ Switching point at 40 kò
■ Hysteresis approx. 5%
■ Output: Relay with 1 changeover contact
■ Complete galvanic isolation
■ Input reverse-polarity protected


Similar Part No. - MK91-R11/24VDC

ManufacturerPart #DatasheetDescription
logo
Turck, Inc.
MK91-12-R/230VAC TURCK-MK91-12-R/230VAC Datasheet
226Kb / 2P
L2vel controller 1-channel
2023-07-21
MK91-12-R/24VDC TURCK-MK91-12-R/24VDC Datasheet
223Kb / 2P
Level controller 1-channel
2023-07-21
MK91-121-R/24VDC TURCK-MK91-121-R/24VDC Datasheet
221Kb / 2P
Level controller 1-channel
2023-07-21
More results

Similar Description - MK91-R11/24VDC

ManufacturerPart #DatasheetDescription
logo
NEC
UPD16681 NEC-UPD16681 Datasheet
906Kb / 56P
LCD CONTROLLER/DRIVER FOR DOT MATRIX DISPLAY OF JIS LEVEL 1 AND JIS LEVEL 2 KANJI SETS
logo
STMicroelectronics
MK50H25 STMICROELECTRONICS-MK50H25 Datasheet
515Kb / 64P
HIGH SPEED LINK LEVEL CONTROLLER
Jul-1994
logo
Hitachi Semiconductor
HD66732 HITACHI-HD66732 Datasheet
5Mb / 131P
Hraphics Liquid Crystal Display Controller/Driver Supportiong JIS Level-1 and Level-2 Kangi ROM)
logo
Rohm
BD9300 ROHM-BD9300 Datasheet
66Kb / 3P
1-channel DC/DC converter controller
logo
List of Unclassifed Man...
AT1392 ETC1-AT1392 Datasheet
254Kb / 8P
1-Channel Synchronous Buck PWM Controller
logo
Aimtron Technology
AT1391 AIMTRON-AT1391 Datasheet
422Kb / 9P
1- Channel Step-Down PWM Controller
logo
Omron Electronics LLC
61F-GP-N8 OMRON-61F-GP-N8 Datasheet
399Kb / 10P
Conductive Level Controller
logo
STMicroelectronics
FLI8531 STMICROELECTRONICS-FLI8531 Datasheet
115Kb / 7P
Entry level LCD TV controller
25-Aug-2008
logo
Renesas Technology Corp
PD16681A RENESAS-PD16681A_15 Datasheet
1Mb / 58P
LCD CONTROLLER/DRIVER FOR DOT MATRIX DISPLAY OF JIS LEVEL 1 AND JIS LEVEL 2 KANJI SETS
logo
Feeling Technology Corp...
FP5101 FEELING-FP5101 Datasheet
734Kb / 20P
1 Channel Synchronous PWM Controller
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com