Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP1527DR Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP1527DR
Description  1.3MHz Low Power LED Torch/Flash Driver
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1527DR Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP1527DR Datasheet HTML 1Page - Monolithic Power Systems MP1527DR Datasheet HTML 2Page - Monolithic Power Systems MP1527DR Datasheet HTML 3Page - Monolithic Power Systems MP1527DR Datasheet HTML 4Page - Monolithic Power Systems MP1527DR Datasheet HTML 5Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
EV1527DR-02A - 1.3MHZ LOW POWER LED TORCH/FLASH DRIVER
EVALUATION BOARD
EV1527DR-02A Rev. 1.0
www.MonolithicPower.com
2
9/21/2005
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2005 MPS. All Rights Reserved.
EVALUATION BOARD SCHEMATIC
EV1527_S01
C6
NS
C2
47nF
EN
GND
VIN
C3
10nF
D1
1N5819HW-7
1A, 40V
U1
* Note: Cut trace to install D2.
D2
NS*
Q2
Q1
FLASH
LED1
MP1527
COMP
SGND NC
NC
IN
FB
SS FAULT SGND
NC
BP
EN
PGND
PGND
SW
SW
VIN
EV1527DR-02A BILL OF MATERIALS
Qty
Ref
Value
Description
Package
Manufacturer
Part Number
1
C1
0.1µF Ceramic Capacitor, 16V, X7R
0603
AVX:
0603YC104KAT
1
C2
47nF
Ceramic Capacitor, 25V, X7R
0603
AVX:
06033C473KAT
1
C3
10nF
Ceramic Capacitor, 50V, X7R
0603
AVX:
06035C103KAT
1
C4
4.7µF Ceramic Capacitor, 10V, X5R
1210
AVX:
1210YD475KAT2W
1
C5
10µF
Ceramic Capacitor, 10V, X7R
1210
AVX:
1210YD106KAT2W
1
C6
Not Stuffed
1
D1
Schottky Diode, 1A, 40V
SOD123
Diodes Inc.:
1N5819HW-7
1
D2
Not Stuffed
1
L1
3.0µH Inductor, 2.4A
S
Sumida:
CDRH5D28-3R0NC
1
LED1
Not Stuffed



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com