Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP1527DR Datasheet (PDF) - Monolithic Power Systems

MP1527DR Datasheet PDF - Monolithic Power Systems
Part # MP1527DR
Download  MP1527DR Download
File Size   199.79 Kbytes
Page   5 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 1.3MHz Low Power LED Torch/Flash Driver

MP1527DR Datasheet (PDF)

Go To PDF Page Download Datasheet
MP1527DR Datasheet PDF - Monolithic Power Systems

Part # MP1527DR
Download  MP1527DR Click to download

File Size   199.79 Kbytes
Page   5 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 1.3MHz Low Power LED Torch/Flash Driver

MP1527DR Datasheet (HTML) - Monolithic Power Systems


MP1527DR Product details

DESCRIPTION

The EV1527DR-02A evaluation board is designed to drive a single Lumileds LED with low, forward voltage for Camera Flash applications. The board is set up to obtain 150mA torch current and 750mA flash current with an input voltage range of 3.0V to 4.2V. The torch and flash currents can be adjusted by resistors R2 and R3 on the Evaluation Board.



FEATURES

• 3V to 4.2V Input Voltage Range

• Tiny Capacitors and Inductors Due to 1.3MHz Fixed Switching Frequency

• Output LED Currents: 150mA at Torch Mode, 750mA at Flash Mode

• Surface-Mount Components

• Fully Assembled and Tested



APPLICATIONS

• Camera Phone Flash

• Handheld Computers and PDAs

• Digital Still and Video Cameras

• External Modems

• Small LCD Displays

• White LED Drivers



 




Similar Part No. - MP1527DR

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP1527DR MPS-MP1527DR Datasheet
178Kb / 4P
2A, 1.3MHz Step-Up Converter
MP1527DR MPS-MP1527DR Datasheet
272Kb / 14P
2A, 1.3MHz Step-Up Converter
More results


Similar Description - MP1527DR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP1653 AD-ADP1653 Datasheet
953Kb / 24P
Compact, High Efficiency, High Power Flash/Torch LED Driver with Dual Interface
REV. A
logo
Allegro MicroSystems
A8530 ALLEGRO-A8530 Datasheet
476Kb / 11P
Ultracompact 6-Channel Backlight and Flash/Torch White LED Driver
logo
Monolithic Power System...
EV0062 MPS-EV0062 Datasheet
155Kb / 4P
1.3MHz Low Power LED Torch/Flash Driver
EV3205DJ-00A MPS-EV3205DJ-00A Datasheet
170Kb / 3P
1.3MHz Fixed Frequency 5 White LED Driver
MP3205 MPS-MP3205 Datasheet
277Kb / 6P
1.3MHz Fixed Frequency 5 White LED Driver
logo
Analog Devices
ADP1653 AD-ADP1653_15 Datasheet
979Kb / 24P
Compact, High Efficiency, High Power, Flash/Torch LED Driver with Dual Interface
REV. B
logo
Integrated Silicon Solu...
IS31BL3233A ISSI-IS31BL3233A Datasheet
456Kb / 13P
2MHz, 1.5A FLASH/TORCH LED DRIVER
logo
IXYS Corporation
MX881 IXYS-MX881 Datasheet
404Kb / 13P
Xenon Flash Controller & LED Torch Driver
logo
Will Semiconductor Ltd.
WD3100 WILLSEMI-WD3100 Datasheet
840Kb / 9P
200mA Flash/Torch LED Driver
logo
Analog Devices
ADP1653 AD-ADP1653_V01 Datasheet
981Kb / 24P
Compact, High Efficiency, High Power, Flash/Torch LED Driver with Dual Interface
Rev. C
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com