Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP1529DR Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP1529DR
Description  Fixed Frequency Step-Up Converter LCD Backlight Plus Flash Evaluation Board
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1529DR Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP1529DR Datasheet HTML 1Page - Monolithic Power Systems MP1529DR Datasheet HTML 2Page - Monolithic Power Systems MP1529DR Datasheet HTML 3Page - Monolithic Power Systems MP1529DR Datasheet HTML 4Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
EV1529DR-00A – FIXED FREQUENCY CONVERTER LCD BACKLIGHT EV BOARD
EV1529DR-00A Rev. 1.0
www.MonolithicPower.com
2
11/2/2005
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2005 MPS. All Rights Reserved.
TM
EVALUATION BOARD SCHEMATIC
LED1
LED2
LED3
LED4
LED5
LED6
LED7
LED8
LED9
LED10
LED11
LED12
U1
MP1529
VCC PGND SW PGND
LED3 GND LED2 LED1
5678
16
15
14
13
OUT
ISET3
ISET2
ISET1
SS
COMP
EN2
EN1
9
10
11
12
4
3
2
1
R3
NS
R2
NS
R1
NS
C3
NS
EV1529_S01
C4
10nF
VIN
VIN
GND
GND
VIN
GND
EN1
EN2
D1
1N5819HW-7
VOUT
GND
EV1529DR-00A BILL OF MATERIALS
Qty
Ref
Value
Description
Package
Manufacturer Manufacturer P/N
1
C1
10µF
Ceramic Capacitor, 10V,
X5R
1210
TDK
C3225X5R1A106K
1
C2
2.2µF
Ceramic Capacitor, 25V,
X7R
1210
TDK
C3225X7R1E225M
1
C3
Do Not Stuff
1
C4
10nF
Ceramic Capacitor, 50V,
X7R
0805
TDK
C2012X7R1H103K
1
C5
1µF
Ceramic Capacitor, 25V,
X5R
0805
TDK
C2012X5R1E105K
1
D1
Diode Schottky, 40V, 1A
SOD123 Diodes Inc.
1N5819HW-7
1
L1
10µH
Inductor, 1.8A
SMD
Coiltronics
SD25-100
12
LED1, LED2, LED3,
LED4, LED5, LED6,
LED7, LED8, LED9,
LED10, LED11,
LED12
Not Stuffed
3
R1, R2, R3
Not Stuffed
1
RS1
57.6kΩ Resistor, 1%
0603
Any
1
RS2
33.2kΩ Resistor, 1%
0603
Any
1
RS3
12.1kΩ Resistor, 1%
0603
Any
1
U1
Step-Up Converter
QFN16
MPS
MP1529DR



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com