Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP1529DR Datasheet (PDF) - Monolithic Power Systems

MP1529DR Datasheet PDF - Monolithic Power Systems
Part # MP1529DR
Download  MP1529DR Download
File Size   202.6 Kbytes
Page   4 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description Fixed Frequency Step-Up Converter LCD Backlight Plus Flash Evaluation Board

MP1529DR Datasheet (PDF)

Go To PDF Page Download Datasheet
MP1529DR Datasheet PDF - Monolithic Power Systems

Part # MP1529DR
Download  MP1529DR Click to download

File Size   202.6 Kbytes
Page   4 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description Fixed Frequency Step-Up Converter LCD Backlight Plus Flash Evaluation Board

MP1529DR Datasheet (HTML) - Monolithic Power Systems


MP1529DR Product details

GENERAL DESCRIPTION
The EV1529DR-00A evaluation board is designed to drive 2 strings of up to 4 backlight LEDs to 30mA and a 4-LED flash string to 150mA from a single Lithium-Ion battery. The board is set up to obtain 20mA backlight current, 40mA preview current and 100mA flash current. All the LED currents can be adjusted by resistors RS1, RS2, and RS3 on the evaluation board.
The MP1529 switches at 1.2MHz and allows the use of tiny, low cost capacitors and small inductors. High frequency PWM dimming is made possible through EN1. The MP1529 includes built-in open-LED over-voltage protection, cycle-by-cycle current limit, over temperature shutdown, input under-voltage control and integrated soft-start.

FEATURES
• High Efficiency
• 2.7V to 4.2V Input Voltage Range
• Tiny Capacitors and Inductors Due to
   1.2MHz Fixed Frequency Operation
• LCD Backlight to 30mA, Flash to 150mA
• Independent Backlight, Preview and Flash
   Current Adjustment
• High Frequency PWM Dimming
• Surface-Mount Components
• Fully Assembled and Tested

APPLICATIONS
• PDAs
• Cellular Phones
• Digital Still Cameras
• Digital Video Cameras




Similar Part No. - MP1529DR

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP1529DR MPS-MP1529DR Datasheet
306Kb / 11P
Fixed Frequency Step-Up Converter LCD Backlight Plus Flash
More results


Similar Description - MP1529DR

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1306 LINER-LT1306 Datasheet
213Kb / 16P
Synchronous, Fixed Frequency Step-Up DC/DC Converter
logo
Global Mixed-mode Techn...
G5121 GMT-G5121 Datasheet
579Kb / 9P
Fixed Frequency White LED Step-Up Converter
logo
Monolithic Power System...
EV1518DG-00A MPS-EV1518DG-00A Datasheet
167Kb / 3P
Fixed Frequency WLED Driver Evaluation Board
MP1529 MPS-MP1529 Datasheet
306Kb / 11P
Fixed Frequency Step-Up Converter LCD Backlight Plus Flash
logo
Global Mixed-mode Techn...
G5121 GMT-G5121_06 Datasheet
551Kb / 10P
Fixed Frequency White LED Step-Up Converter
logo
ACE Technology Co., LTD...
ACE714B ACE-ACE714B Datasheet
522Kb / 5P
Step-up DC/DC Converter Backlight Driver
VER 1.2
logo
Linear Technology
LT1306 LINER-LT1306_15 Datasheet
219Kb / 16P
Synchronous, Fixed Frequency Step-Up DC/DC Converter
logo
Richtek Technology Corp...
RT6266GSP RICHTEK-RT6266GSP Datasheet
663Kb / 6P
RT6266 Step-Down Converter Evaluation Board
RT8279GSP RICHTEK-RT8279GSP Datasheet
887Kb / 8P
RT8279 Step-Down Converter Evaluation Board
logo
Monolithic Power System...
EV3430-Q-00A MPS-EV3430-Q-00A Datasheet
370Kb / 5P
90V Step-Up Converter with APD Current Monitor Evaluation Board
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com