Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP1529 Datasheet (PDF) - Monolithic Power Systems

MP1529 Datasheet PDF - Monolithic Power Systems
Part # MP1529
Download  MP1529 Download
File Size   306.4 Kbytes
Page   11 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description Fixed Frequency Step-Up Converter LCD Backlight Plus Flash

MP1529 Datasheet (PDF)

Go To PDF Page Download Datasheet
MP1529 Datasheet PDF - Monolithic Power Systems

Part # MP1529
Download  MP1529 Click to download

File Size   306.4 Kbytes
Page   11 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description Fixed Frequency Step-Up Converter LCD Backlight Plus Flash

MP1529 Datasheet (HTML) - Monolithic Power Systems


MP1529 Product details

DESCRIPTION
The MP1529 is a step-up converter plus 3 current sources for driving two 6-LED backlight strings to 30mA and a 4-LED flash string to 150mA from a single Lithium-Ion battery.
The step-up converter generates an output voltage as high as 25V from a 2.7V to 5.5V input source. Three current sources drive in three modes. In backlight mode two strings of 6 LEDs are lit with up to 30mA of current. In the backlight plus preview mode the 4 flash LEDs are lit with the preview current. In flash mode the flash LEDs are lit with up to 150mA of current and the two backlight strings are turned off. There are three pins to independently set the backlight, preview and flash current.
The MP1529 includes built-in open lamp over voltage protection, cycle-by-cycle current limit, over temperature shutdown, input under voltage control and integrated soft-start.
The MP1529 is available in a tiny 16-pin 4mm x 4mm package.

FEATURES
• 2.7V to 5.5V Input Voltage Range
• 25V Maximum Step-Up Voltage
• <1µA Shutdown Mode
• 1.2MHz Fixed Frequency Operation
• LCD Backlight to 30mA, Flash to 150mA
• Cycle-By-Cycle Current Limit
• Independent Backlight, Preview and Flash
   Current Adjustment
• Special PWM Dimming
• Over Voltage Protection
• Under Voltage Lockout
• Integrated Soft-Start
• Thermal Shutdown
• Tiny 4mm x 4mm QFN Package

APPLICATIONS
• PDAs
• Cellular Phones
• Digital Still Cameras
• Digital Video Cameras




Similar Part No. - MP1529

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP1529DR MPS-MP1529DR Datasheet
202Kb / 4P
Fixed Frequency Step-Up Converter LCD Backlight Plus Flash Evaluation Board
More results


Similar Description - MP1529

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1306 LINER-LT1306 Datasheet
213Kb / 16P
Synchronous, Fixed Frequency Step-Up DC/DC Converter
logo
Global Mixed-mode Techn...
G5121 GMT-G5121 Datasheet
579Kb / 9P
Fixed Frequency White LED Step-Up Converter
logo
Torex Semiconductor
XC9116 TOREX-XC9116 Datasheet
1Mb / 22P
Step-Up DC/DC Converter-Backlight LED Driver
logo
Monolithic Power System...
EV1529DR-00A MPS-EV1529DR-00A Datasheet
202Kb / 4P
Fixed Frequency Step-Up Converter LCD Backlight Plus Flash Evaluation Board
logo
Global Mixed-mode Techn...
G5121 GMT-G5121_06 Datasheet
551Kb / 10P
Fixed Frequency White LED Step-Up Converter
logo
Torex Semiconductor
XC9116 TOREX-XC9116_1 Datasheet
553Kb / 23P
Step-Up DC/DC Converter-Backlight LED Driver
XC9133 TOREX-XC9133 Datasheet
545Kb / 15P
Step-Up DC/DC Converter-LED Backlight Driver
logo
ACE Technology Co., LTD...
ACE714B ACE-ACE714B Datasheet
522Kb / 5P
Step-up DC/DC Converter Backlight Driver
VER 1.2
logo
Linear Technology
LT1306 LINER-LT1306_15 Datasheet
219Kb / 16P
Synchronous, Fixed Frequency Step-Up DC/DC Converter
logo
AiT Semiconductor Inc.
A8169-020 AITSEMI-A8169-020 Datasheet
503Kb / 7P
LED BACKLIGHT DRIVER STEP-UP DC/DC CONVERTER
REV2.1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com