Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP1529 Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP1529
Description  Fixed Frequency Step-Up Converter LCD Backlight Plus Flash
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1529 Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP1529 Datasheet HTML 1Page - Monolithic Power Systems MP1529 Datasheet HTML 2Page - Monolithic Power Systems MP1529 Datasheet HTML 3Page - Monolithic Power Systems MP1529 Datasheet HTML 4Page - Monolithic Power Systems MP1529 Datasheet HTML 5Page - Monolithic Power Systems MP1529 Datasheet HTML 6Page - Monolithic Power Systems MP1529 Datasheet HTML 7Page - Monolithic Power Systems MP1529 Datasheet HTML 8Page - Monolithic Power Systems MP1529 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
MP1529 – FIXED FREQUENCY STEP-UP CONVERTER LCD BACKLIGHT PLUS FLASH
MP1529 Rev. 1.0
www.MonolithicPower.com
2
11/23/2005
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2005 MPS. All Rights Reserved.
TM
PACKAGE REFERENCE
MP1529_PD01-QFN16
TOP VIEW
PIN 1 ID
EN1
EN2
COMP
SS
OUT
ISET3
ISET2
ISET1
1
2
3
4
13
14
15
16
8
7
6
5
LED1
LED2
GND
LED3
PGND
SW
PGND
IN
12
11
10
9
EXPOSED PAD
ON BACKSIDE
CONNECT TO PIN 6
Part Number*
Package
Temperature
MP1529DR
QFN16
(4mm x 4mm)
–40
°C to +85°C
* For Tape & Reel, add suffix –Z (eg. MP1529DR–Z)
For Lead Free, add suffix –LF (eg. MP1529DR–LF–Z)
ABSOLUTE MAXIMUM RATINGS
(1)
VIN ................................................. –0.3V to +6V
VSW, VOUT, VLED1, VLED2, VLED3 .......... –1V to +40V
All Other Pins................................. –0.3V to +6V
Junction Temperature...............................125
°C
Lead Temperature ....................................260
°C
Storage Temperature ..............–65°C to +150
°C
Recommended Operating Conditions
(2)
Supply Voltage VIN.......................... 2.7V to 5.5V
LED Current (Backlight)............ 30mA Maximum
LED Current (Flash) ............... 150mA Maximum
Operating Temperature .............–40
°C to +85°C
Thermal Resistance
(3)
θJA
θJC
QFN16 (4mm x 4mm)............. 60 ...... 12...
°C/W
Notes:
1) Exceeding these ratings may damage the device.
2) The device is not guaranteed to function outside of its
operating conditions.
3) Measured on approximately 1” square of 1 oz copper.
ELECTRICAL CHARACTERISTICS
VIN = 3.6V, TA = +25°C, unless otherwise noted.
Parameter
Symbol
Condition
Min
Typ
Max
Units
Shutdown Supply Current
VEN1 = VEN2 = 0V
0.5
1
µA
Supply Current
VEN1 = 3V, VEN2 = 0V, BL
mode without switching
1.5
3
mA
Under Voltage Lockout
VIN Rising
2.0
2.6
V
Under Voltage Lockout Hysteresis
210
mV
OUT Over Voltage Threshold
28
V
OUT Leakage Current
VOUT = 28V,
VEN1 = VEN2 = 0V
1
µA
ISET1 Backlight Current Gain
ILED1,2 = 20mA
0.95
mA/µA
ISET2 Preview Current Gain
ILED3 = 40mA
1.1
mA/µA
ISET3 Flash Current Gain
ILED3 = 100mA
1
mA/µA
ISET1, ISET2 and ISET3 Voltage
IISET1,2,3 = 20µA
1.216
V
LED1 and LED2 Voltage
ILED1,2 = 20mA
440
mV
LED3 Voltage
ILED3 = 100mA
480
mV
SW Switch On Resistance
0.25
Ω
SW Switch Leakage Current
VEN1 = VEN2 = 0V
VSW = 27V
1
µA
SW Switch Current Limit
1.2
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com