Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP1529 Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MP1529
Description  Fixed Frequency Step-Up Converter LCD Backlight Plus Flash
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1529 Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MP1529 Datasheet HTML 3Page - Monolithic Power Systems MP1529 Datasheet HTML 4Page - Monolithic Power Systems MP1529 Datasheet HTML 5Page - Monolithic Power Systems MP1529 Datasheet HTML 6Page - Monolithic Power Systems MP1529 Datasheet HTML 7Page - Monolithic Power Systems MP1529 Datasheet HTML 8Page - Monolithic Power Systems MP1529 Datasheet HTML 9Page - Monolithic Power Systems MP1529 Datasheet HTML 10Page - Monolithic Power Systems MP1529 Datasheet HTML 11Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
MP1529 – FIXED FREQUENCY STEP-UP CONVERTER LCD BACKLIGHT PLUS FLASH
NOTICE:
The information in this document is subject to change without notice. Please contact MPS for current specifications.
Users should warrant and guarantee that third party Intellectual Property rights are not infringed upon when integrating MPS
products into any application. MPS will not assume any legal responsibility for any said applications.
MP1529 Rev. 1.0
www.MonolithicPower.com
11
11/23/2005
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2005 MPS. All Rights Reserved.
TM
TYPICAL APPLICATION CIRCUITS (continued)
MP1529_F04_S01
MP1529
IN
SW
OUT
COMP
SS
ISET1
ISET2
ISET3
GND
LED1
LED2
LED3
PGND
14
12
8
7
5
13, 15
EN1
EN2
16
3
4
9
10
11
6
1
2
D1
VIN
EN1
EN2
C4
10nF
GND
VOUT
Figure 4—Driving 2 x 6 Backlight Strings (20mA per WLED) and 1 Flash String (40mA Preview,
100mAFlash)
PACKAGE INFORMATION
QFN16 (4mm x 4mm)
Pin 1 Identification
1
4
5
8
9
13
16
R0.030Max.
Side View
0.850 ( 0.0335)
0.950 (0.0374)
0.000-0.025
0.178 (0.007)
0.228 (0.009)
Btm View
Top View
3.950 (0.156)
4.050 (0.159)
3.950 (0.156)
4.050 (0.159)
Pin 1 Dot
By marking
(4 X 4mm)
QFN 16L
0.550 (0.217)
0.650 (0.256)
0.650
BSC
2.280 (0.898)
Ref.
0.40 (0.0158)
0.50 (0.0197)
2.35 (0.093)
2.45 (0.097)
0.28 (0.011)
0.38 (0.015)
Exposed Pad
(Analog Ground)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com