Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

78L24 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # 78L24
Description  Three Terminal Positive Voltage Regulator
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

78L24 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  78L24 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 78L24 Datasheet HTML 2Page - Inchange Semiconductor Company Limited 78L24 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Three Terminal Positive Voltage Regulator
78L24
www.iscsemi.com
2
THERMAL CHARACTERISTICS
(VI = 33V, IO = 0.5A, 0℃ ≤ Tj ≤ 125℃, CI = 0.33uF, CO = 0.1uF, unless otherwise specified)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
VOUT
Output Voltage
IO=5mA~1A; TJ=25℃
23
24
25
V
VI=27V~38V; IO= 5mA~1A
22.5
24
25.5
△
VOUT
Line Regulation
VI=27V~38V; TJ=25℃
--
--
240
mV
VIN=27V~38V; IO= 1A; TJ=25℃
--
--
120
△
VOUT
Load Regulation
IO= 5mA~1A; TJ=25℃
--
--
240
mV
IOUT= 0.25A~0.75A; TJ=25℃
--
--
120
IQ
Quiescent Current
IO ≤ 1A; TJ=25℃
--
--
8.0
mA
△
IQ
Quiescent Current Change
IO=5mA~1A
--
--
0.5
mA
VIN=28V~38V
--
--
1.0
△
VO /△T
Output Voltage Drift
IO = 5mA
--
-2.9
--
mV/℃
RR
Ripple Rejection
f = 120Hz; VI = 28V~ 38V; TJ=25℃
--
51
--
dB
IPK
Peak Output Current
TJ=25℃
--
1.6
--
A
ISC
Short-Circuit Current
VI = 35V; TJ=25℃
--
200
--
mA
VD
Dropout Voltage
TJ=25℃
--
2.2
--
V



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com