Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

78L24 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # 78L24
Description  Three Terminal Positive Voltage Regulator
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

78L24 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  78L24 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 78L24 Datasheet HTML 2Page - Inchange Semiconductor Company Limited 78L24 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Three Terminal Positive Voltage Regulator
78L24
www.iscsemi.com
1
DESCRIPTION
The 78L24 of fixed voltage monolithic integrated circuit
voltage regulators are suitable for application that required
supply current up to1A
FEATURE
·
Maximum Output Current of 100mA
·
Output Voltage of 24V
·
Thermal Overload Protection
·
Short Circuit Current Limiting
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VIN
DC input voltage
40
V
Io
Output current
1
A
PD
Power dissipation
internally
limited
W
TOP
Operating junction temperature
-10~150
℃
Tstg
Storage temperature
-55~150
℃


Similar Part No. - 78L24

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
78L24 ETC1-78L24 Datasheet
253Kb / 2P
LINEAR INTEGRATED CIRCUITS 3-TERMINAL VOLATGE REGULATORS
logo
Wing Shing Computer Com...
78L24 WINGS-78L24 Datasheet
145Kb / 2P
Positive-Voltage Regulators
logo
Nanjing International G...
78L24 DGNJDZ-78L24 Datasheet
264Kb / 2P
Positive-Voltage Regulators
logo
Guangdong Youtai Semico...
78L24 UMW-78L24 Datasheet
402Kb / 14P
3TERMINAL 0.1A POSITIVE VOLTAGE REGULATORS
78L24 UMW-78L24 Datasheet
848Kb / 11P
3TERMINAL 0.1A POSITIVE VOLTAGE REGULATORS
More results

Similar Description - 78L24

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
LM78L10 KEXIN-LM78L10 Datasheet
55Kb / 2P
Three-Terminal Positive Voltage Regulator
LM78L05 KEXIN-LM78L05 Datasheet
55Kb / 2P
Three-Terminal Positive Voltage Regulator
78M12 KEXIN-78M12 Datasheet
179Kb / 1P
Three-terminal Positive Voltage Regulator
LM78M06 KEXIN-LM78M06 Datasheet
54Kb / 2P
Three-Terminal Positive Voltage Regulator
logo
SHENZHEN YONGERJIA INDU...
WEJ7815 WINNERJOIN-WEJ7815 Datasheet
162Kb / 1P
Three-terminal positive voltage regulator
WEJ78M05-TO-252 WINNERJOIN-WEJ78M05-TO-252 Datasheet
80Kb / 1P
Three-terminal positive voltage regulator
WEJ78L15-TO-92 WINNERJOIN-WEJ78L15-TO-92 Datasheet
164Kb / 1P
Three-terminal positive voltage regulator
WEJ78L06-TO-92 WINNERJOIN-WEJ78L06-TO-92 Datasheet
142Kb / 1P
Three-terminal positive voltage regulator
logo
Shenzhen Luguang Electr...
LGE78D05 LUGUANG-LGE78D05 Datasheet
263Kb / 2P
Three-terminal positive voltage regulator
78L05 LUGUANG-78L05 Datasheet
307Kb / 3P
Three-terminal positive voltage regulator
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com