Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1237398 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 1237398
Description  SACC-BP-F-M12/M15-7-THR SCOX - Housing screw connection
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1237398 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  1237398 Datasheet HTML 1Page - PHOENIX CONTACT 1237398 Datasheet HTML 2Page - PHOENIX CONTACT 1237398 Datasheet HTML 3Page - PHOENIX CONTACT 1237398 Datasheet HTML 4Page - PHOENIX CONTACT 1237398 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Standards and regulations
M12
Standard designation
M12 connector
Standards/specifications
IEC 61076-2-101
Note
In line with
Mounting
Mounting type
Rear mounting M15 x 1 Spacing between the top edge of the
PCB and the back of the front plate: 7 mm
Assembly note
Spacing between the top edge of the PCB and the back of the
front plate: 7 mm
SACC-BP-F-M12/M15-7-THR SCOX - Housing screw
connection
1237398
https://www.phoenixcontact.com/us/products/1237398
Jun 13, 2024, 5:40 AM
Page 3 (5)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com