Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1237398 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1237398
Description  SACC-BP-F-M12/M15-7-THR SCOX - Housing screw connection
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1237398 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1237398 Datasheet HTML 1Page - PHOENIX CONTACT 1237398 Datasheet HTML 2Page - PHOENIX CONTACT 1237398 Datasheet HTML 3Page - PHOENIX CONTACT 1237398 Datasheet HTML 4Page - PHOENIX CONTACT 1237398 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Housing screw connection, Socket, M12-SPEEDCON, Rear mounting, M15 x 1, THR solder
connection, Item is lead-free in accordance with RoHS II without Exemption 6c (Pb < 0.1 %)
Your advantages
Easy device integration, thanks to mechanical port screw connections with threaded fastening
•
Flexible PCB assembly: two-piece connectors for wave and THR soldering
•
SPEEDCON fast locking system reduces cabling times
•
Commercial data
Item number
1237398
Packing unit
20 pc
Minimum order quantity
20 pc
Product key
ABQAFC
GTIN
4063151430986
Weight per piece (including packing)
10.523 g
Weight per piece (excluding packing)
10.44 g
Country of origin
DE
SACC-BP-F-M12/M15-7-THR SCOX - Housing screw
connection
1237398
https://www.phoenixcontact.com/us/products/1237398
Jun 13, 2024, 5:40 AM
Page 1 (5)


Similar Part No. - 1237398

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1237390 PHOENIX-1237390 Datasheet
1Mb / 16P
SACC-CI-M12FS-5CON-SH TOR 32X - Contact carrier
1237392 PHOENIX-1237392 Datasheet
753Kb / 17P
SACC-CI-M12FSD-4CON-L180-THRX - Contact carrier
1237394 PHOENIX-1237394 Datasheet
337Kb / 9P
SACC-DSI-FSD-4CON-L180 SCOX - Device connector, rear mounting
1237395 PHOENIX-1237395 Datasheet
1Mb / 9P
SACC-DSI-FS-5CON-L180 SCOX - Device connector rear mounting
1237396 PHOENIX-1237396 Datasheet
1Mb / 16P
SACC-CI-M12FS-5CON-L180-THRX - Contact carrier
More results

Similar Description - 1237398

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1413997 PHOENIX-1413997 Datasheet
59Kb / 3P
Housing screw connection - SACC-BP-M-M12/M15-6-THR
1414023 PHOENIX-1414023 Datasheet
347Kb / 4P
Housing screw connection - SACC-BP-F-M12/M15-6-SMDSCO
01/21/2022
1413998 PHOENIX-1413998 Datasheet
74Kb / 4P
Housing screw connection - SACC-BP-M-M12/M15-7-THRSCO
09/11/2020
1420827 PHOENIX-1420827 Datasheet
73Kb / 3P
Housing screw connection - SACC-BP-F-M12/M15-6-THR PW
09/11/2020
1413999 PHOENIX-1413999 Datasheet
257Kb / 7P
SACC-BP-M-M12/M15-6-THR SCO - Housing screw connection
1414004 PHOENIX-1414004 Datasheet
273Kb / 8P
SACC-BP-F-M12/M15-6-THR - Housing screw connection
1414020 PHOENIX-1414020 Datasheet
259Kb / 7P
SACC-BP-F-M12/M15-6-THR SCO - Housing screw connection
1414021 PHOENIX-1414021 Datasheet
272Kb / 7P
SACC-BP-F-M12/M15-6-SMD - Housing screw connection
1414003 PHOENIX-1414003 Datasheet
434Kb / 8P
SACC-BP-F-M12/M15-7-THR - Housing screw connection
1414005 PHOENIX-1414005 Datasheet
262Kb / 7P
SACC-BP-F-M12/M15-7-THR SCO - Housing screw connection
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com