Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2360DG Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP2360DG
Description  1.8A, 24V, 1.4MHz Step-Down Converter in 2mm x 2mm QFN8 Evaluation Board
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2360DG Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP2360DG Datasheet HTML 1Page - Monolithic Power Systems MP2360DG Datasheet HTML 2Page - Monolithic Power Systems MP2360DG Datasheet HTML 3Page - Monolithic Power Systems MP2360DG Datasheet HTML 4Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
EV2360DG-00B – 1.8A, 24V, 1.4MHz STEP-DOWN CONVERTER in 2x2 QFN8 EV BOARD
EV2360DG-00B Rev. 1.0
www.MonolithicPower.com
2
8/21/2006
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2006 MPS. All Rights Reserved.
EVALUATION BOARD SCHEMATIC
VIN
GND
EN
VOUT
3.3V
GND
C3
22nF
D1
B230A
U1
D3
1N4148
(Optional)
D2
1N4148
(Optional)
C6
NS
MP2360
FB
SW
BS
GND
EN
IN
7
3
4
2
5
6
EV2360DG-00B BILL OF MATERIALS
Qty
Ref
Value
Description
Package
Manufacturer
Manufacturer P/N
1
C1
10µF
Ceramic Capacitor, 25V, X7R
1210
TDK
C3225X7R1E106M
1
C2, C5
0.1µF
Ceramic Capacitor, 50V, X7R
805
TDK
C2012X7R1H104K
1
C3
22nF
Ceramic Capacitor, 50V, X7R
603
TDK
C1608X7R1H223K
2
C4
22µF
Ceramic Capacitor, 6.3V, X5R
1210
TDK
C3225X5R0J226M
1
C6
Not Stuffed, Optional
1
R1
49.9kΩ Film Resistor, 1%
603
Panasonic
ERJ-3EKF4992V
1
R2
16.2kΩ Film Resistor, 1%
603
Panasonic
ERJ-3EKF1622V
1
R3
100kΩ Film Resistor, 5%
603
Panasonic
ERJ-3GEYJ104V
1
R4
0Ω
Film Resistor, 5%
603
Panasonic
ERJ-3GEY0R00V
1
L1
4.7µH
Inductor, 3.3A, DS84LC
SMD
Toko
B1015AS-4R7N
1
D1
Diode Schottky, 30V, 2A
SMA
Diodes Inc
B230A-13
2
D2, D3
Not Stuffed, Optional
1
U1
DC/DC Converter
QFN8
MPS
MP2360DG



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com