Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2360DG Datasheet (PDF) - Monolithic Power Systems

MP2360DG Datasheet PDF - Monolithic Power Systems
Part # MP2360DG
Download  MP2360DG Download
File Size   156.37 Kbytes
Page   4 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 1.8A, 24V, 1.4MHz Step-Down Converter in 2mm x 2mm QFN8 Evaluation Board

MP2360DG Datasheet (PDF)

Go To PDF Page Download Datasheet
MP2360DG Datasheet PDF - Monolithic Power Systems

Part # MP2360DG
Download  MP2360DG Click to download

File Size   156.37 Kbytes
Page   4 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 1.8A, 24V, 1.4MHz Step-Down Converter in 2mm x 2mm QFN8 Evaluation Board

MP2360DG Datasheet (HTML) - Monolithic Power Systems


MP2360DG Product details

DESCRIPTION
The MP2360 is a monolithic step-down switch mode converter with a built-in internal power MOSFET. It achieves 1.8A continuous output current over a wide input supply range with excellent load and line regulation. Current mode operation provides fast transient response and eases loop stabilization. Fault condition protection includes cycle-by-cycle current limiting and thermal shutdown.

FEATURES
• 2.5A Peak Output Current
• 1.8A Continuous Output Current
• 0.3Ω Internal Power MOSFET Switch
• Stable with Low ESR Output Ceramic Capacitors
• 0.1µA Shutdown Mode
• Fixed 1.4MHz Frequency
• Thermal Shutdown
• Cycle-by-Cycle Over Current Protection
• Wide 4.5V to 24V Operating Input Range
• Output Adjustable from 0.81V to 15V
• Available in 2x2 QFN8 Packages

APPLICATIONS
• Broadband Communications Equipment
• Digital Entertainment Systems
• Distributed Power Systems
• Battery Charger
• Pre-Regulator for Linear Regulators




Similar Part No. - MP2360DG

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2360DG MPS-MP2360DG Datasheet
343Kb / 8P
1.8A, 24V, 1.4MHz Step-Down Converter
More results


Similar Description - MP2360DG

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV2359DJ-00B MPS-EV2359DJ-00B Datasheet
163Kb / 4P
1.2A, 24V, 1.4MHz Step-Down Converter Evaluation Board in TSOT23-6
EV2361DK-00A MPS-EV2361DK-00A Datasheet
204Kb / 3P
2A, 1.4MHz Step-Down Converter Evaluation Board
MP2360 MPS-MP2360 Datasheet
343Kb / 8P
1.8A, 24V, 1.4MHz Step-Down Converter
logo
Maxim Integrated Produc...
MAX8649 MAXIM-MAX8649 Datasheet
1Mb / 31P
1.8A Step-Down Regulator with Differential Remote Sense in 2mm x 2mm WLP
Rev 0; 9/09
MAX8649 MAXIM-MAX8649_10 Datasheet
1Mb / 31P
1.8A Step-Down Regulator with Differential Remote Sense in 2mm x 2mm WLP
Rev 1; 2/10
logo
Advanced Analogic Techn...
AAT2113A ANALOGICTECH-AAT2113A Datasheet
2Mb / 19P
3MHz, Fast Transient 1.5A Step-Down Converter in 2mm x 2mm Package
logo
Maxim Integrated Produc...
MAX8649 MAXIM-MAX8649_11 Datasheet
2Mb / 31P
1.8A Step-Down Regulator with Remote Sense in 2mm x 2mm WLP
Rev 4; 6/11
logo
Richtek Technology Corp...
RT8260A RICHTEK-RT8260A Datasheet
197Kb / 12P
1.8A, 24V, 1.4MHz Step-Down Converter
logo
Monolithic Power System...
MP2270 MPS-MP2270 Datasheet
411Kb / 10P
1.8A, 24V, 700kHz Step-Down Converter
MP28368 MPS-MP28368 Datasheet
336Kb / 8P
1.8A, 24V, 1.4MHz Step-Down Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com