Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2364DF Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP2364DF
Description  1.5A, 23V, 1.4MHz Dual Step-Down Converter Evaluation Board
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2364DF Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP2364DF Datasheet HTML 1Page - Monolithic Power Systems MP2364DF Datasheet HTML 2Page - Monolithic Power Systems MP2364DF Datasheet HTML 3Page - Monolithic Power Systems MP2364DF Datasheet HTML 4Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
EV2364DF-01A – 1.5A, 23V, 1.4MHz DUAL STEP-DOWN CONVERTER EV BOARD
EV2364DF-01A Rev. 1.1
www.MonolithicPower.com
2
3/1/2006
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2006 MPS. All Rights Reserved.
TM
EVALUATION BOARD SCHEMATIC
C5
3.3nF
C4
NS
VOUTA
3.3V @ 1.5A
VIN
4.75V to 23V
GND
GND
D1
NS
OPTIONAL
5V INPUT ONLY
D4
NS
OPTIONAL
5V INPUT ONLY
EV2364_S01
D2
B230A-13
C2
10nF
ENB
C7
10nF
D3
B230A-13
C8
2.2nF
ENA
U1
C10
NS
VOUTB
2.5V @ 1.5A
GND
MP2364
ENA
COMPA
FBA
SGB
PGB
SWB
INB
NC2
BSB
SSB
SSA
NC1
BSA
INA
SWA
PGA
SGA
FBB
COMPB
ENB
C13
82pF
EV2364DF-01A BILL OF MATERIALS
Qty
Ref
Value
Description
Package Manufacturer P/N
Distributor P/N
2
C1, C6
0.47µF Ceramic Capacitor, 16V, X7R
0805
TDK:
C2012X7R1C474K
Digikey:
445-1357-1-ND
2
C2, C7
10nF
Ceramic Capacitor, 50V, X7R
0603
TDK:
C1608X7R1H103K
Digikey:
445-1311-1-ND
2
C3, C9
22µF
Ceramic Capacitor, 6.3V, X5R
1210
TDK:
C3225X5R0J226M
Digikey:
445-1404-1-ND
2
C4, C10
Do Not Stuff
1
C5
3.3nF
Ceramic Capacitor, 50V, X7R
0603
Panasonic:
ECJ-1VB1H332K
Digikey:
PCC1778CT-ND
1
C8
2.2nF
Ceramic Capacitor, 50V, X7R
0603
TDK:
C1608X7R1H222K
Digikey:
445-1309-1-ND
2
C11, C12
10µF
Ceramic Capacitor, 25V, X7R
1210
TDK:
C3225X7R1E106M
Digikey:
445-1434-1-ND
1
C13
82pF
Ceramic Capacitor, 50V, NPO
0603
TDK:
C1608C0G1H820J
Digikey:
445-1280-1-ND
2
D1, D4
Do Not Stuff
2
D2, D3
Schottky Diode, 30V, 2A, SMA
Diodes Inc:
B230A-13
Digikey:
B230ADICT-ND
2
L1, L2
Inductor, 5uH, 2.4A, SMD
Sumida:
CDRH6D28-5R0NC
1
R1
25.5kΩ Resistor, 1%
0603
Any
Any
1
R2
7.5kΩ
Resistor, 5%
0603
Any
Any
3
R3, R5, R6
10kΩ
Resistor, 1%
0603
Any
Any
1
R4
16.9kΩ Resistor, 1%
0603
Any
Any
1
U1
DC/DC Converter, TSSOP20
MPS: MP2364DF



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com