Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2364DF Datasheet (PDF) - Monolithic Power Systems

MP2364DF Datasheet PDF - Monolithic Power Systems
Part # MP2364DF
Download  MP2364DF Download
File Size   214.62 Kbytes
Page   4 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 1.5A, 23V, 1.4MHz Dual Step-Down Converter Evaluation Board

MP2364DF Datasheet (PDF)

Go To PDF Page Download Datasheet
MP2364DF Datasheet PDF - Monolithic Power Systems

Part # MP2364DF
Download  MP2364DF Click to download

File Size   214.62 Kbytes
Page   4 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 1.5A, 23V, 1.4MHz Dual Step-Down Converter Evaluation Board

MP2364DF Datasheet (HTML) - Monolithic Power Systems


MP2364DF Product details

DESCRIPTION
The MP2364 is a dual monolithic step-down switch mode converter with built-in internal power MOSFETs. It achieves 1.5A continuous output current for each output over a wide input supply range with excellent load and line regulation.
Current mode operation provides fast transient response and eases loop stabilization.

FEATURES
• 1.5A Current for Each Output
• 0.18Ω Internal Power MOSFET Switches
• Stable with Low ESR Output Ceramic Capacitors
• Up to 90% Efficiency
• 40µA Shutdown Mode
• Fixed 1.4MHz Frequency
• Thermal Shutdown
• Cycle-by-Cycle Over Current Protection
• Wide 4.75V to 23V Operating Input Range
• Each Output Adjustable from 0.92V to 16V
• Configurable for Single Output with Double the Current
• Programmable Under Voltage Lockout
• Programmable Soft-Start
• Available in TSSOP20 with Exposed Pad and SOIC Packages

APPLICATIONS
• Distributed Power Systems
• I/O and Core supplies
• DSL Modems
• Set top boxes
• Cable Modems




Similar Part No. - MP2364DF

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2364DF MPS-MP2364DF Datasheet
220Kb / 4P
1.5A, 23V, 1.4MHz Dual Step-Down Converter Evaluation Board
MP2364DF MPS-MP2364DF Datasheet
272Kb / 5P
4 Output DSL Power Supply
MP2364DF MPS-MP2364DF Datasheet
281Kb / 12P
Dual 1.5A, 23V, 1.4MHz Step-Down Converter
More results


Similar Description - MP2364DF

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT1112 ANALOGICTECH-AAT1112 Datasheet
838Kb / 20P
1.5A, 1.4MHz Step-Down Converter
logo
Monolithic Power System...
EV2364DF-00A MPS-EV2364DF-00A Datasheet
220Kb / 4P
1.5A, 23V, 1.4MHz Dual Step-Down Converter Evaluation Board
MP2351 MPS-MP2351 Datasheet
187Kb / 8P
1.5A, 23V, 1.4MHz Step-Down Converter
MP2361 MPS-MP2361 Datasheet
190Kb / 8P
2A, 23V, 1.4MHz Step-Down Converter
MP2364 MPS-MP2364 Datasheet
281Kb / 12P
Dual 1.5A, 23V, 1.4MHz Step-Down Converter
logo
Advanced Analogic Techn...
AAT1112_0711 ANALOGICTECH-AAT1112_0711 Datasheet
642Kb / 19P
1.5A, 1.4MHz Step-Down Converter
logo
Skyworks Solutions Inc.
AAT1112 SKYWORKS-AAT1112 Datasheet
1Mb / 19P
1.5A, 1.4MHz Step-Down Converter
logo
Monolithic Power System...
MP28372 MPS-MP28372 Datasheet
274Kb / 12P
Dual 1.5A, 23V, 1.4MHz Step-Down Converter
MP29373 MPS-MP29373 Datasheet
260Kb / 10P
Dual 1.5A, 23V, 1.4MHz Step-Down Converter
logo
Feeling Technology Corp...
FP6186 FEELING-FP6186 Datasheet
622Kb / 17P
2A, 23V, 1.4MHz Step-Down Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com