Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA602AD Datasheet(PDF) 7 Page - NXP Semiconductors

Part # SA602AD
Description  Double-balanced mixer and oscillator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA602AD Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button SA602AD Datasheet HTML 3Page - NXP Semiconductors SA602AD Datasheet HTML 4Page - NXP Semiconductors SA602AD Datasheet HTML 5Page - NXP Semiconductors SA602AD Datasheet HTML 6Page - NXP Semiconductors SA602AD Datasheet HTML 7Page - NXP Semiconductors SA602AD Datasheet HTML 8Page - NXP Semiconductors SA602AD Datasheet HTML 9Page - NXP Semiconductors SA602AD Datasheet HTML 10Page - NXP Semiconductors SA602AD Datasheet HTML 11Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Philips Semiconductors
Product specification
SA602A
Double-balanced mixer and oscillator
1997 Nov 07
7
602A
4
5
3
6
2
7
1
8
+6V
7pF
10pF
TO
BUFFER
DC CONTROL VOLTAGE
FROM SYNTHESIZER
MV2105
OR EQUIVALENT
1000pF
1000pF
5.5
µH
0.10pF
10
µF
0.06
µH
0.1
µF
3SK126
100k
2pF
TO SYNTHESIZER
100k
100k
330
2k
TO SYNTHESIZER
2N5484
2N918
0.01
µF
0.01
µF
1.0nF
SR00075
Figure 8. Colpitts Oscillator Suitable for Synthesizer Applications and Typical Buffers
87
65
4
3
2
1
SFG455A3
100nF
220pF
INPUT
47pF
22pF
1nF
100nF
10nF
VCC
6.8
µF
0.5 to 1.3
µH
0.209 to 0.283
µH
10pF
34.545MHz THIRD OVERTONE CRYSTAL
602A
OR EQUIVALENT
SR00076
Figure 9. Typical Application for Cellular Radio



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com