Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA602AD Datasheet(PDF) 8 Page - NXP Semiconductors

Part # SA602AD
Description  Double-balanced mixer and oscillator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA602AD Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button SA602AD Datasheet HTML 3Page - NXP Semiconductors SA602AD Datasheet HTML 4Page - NXP Semiconductors SA602AD Datasheet HTML 5Page - NXP Semiconductors SA602AD Datasheet HTML 6Page - NXP Semiconductors SA602AD Datasheet HTML 7Page - NXP Semiconductors SA602AD Datasheet HTML 8Page - NXP Semiconductors SA602AD Datasheet HTML 9Page - NXP Semiconductors SA602AD Datasheet HTML 10Page - NXP Semiconductors SA602AD Datasheet HTML 11Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Philips Semiconductors
Product specification
SA602A
Double-balanced mixer and oscillator
1997 Nov 07
8
3.50
3.25
3.00
2.75
2.50
2.25
2.00
1.75
1.50
–40 –30 –20 –10
0
10
20
30
40
50
60
70
80 90
TEMPERATURE OC
4.5V
6.0V
8.5V
SR00077
Figure 10. ICC vs Supply
Voltage
–40 –30 –20 –10
0
10
20
30
40
50
60
70
80
90
20.0
19.5
19.0
18.5
18.0
17.5
17.0
16.5
16.0
15.5
15.0
14.5
14.0
TEMPERATURE OC
4.5V
6.0V
8.5V
SR00078
Figure 11. Conversion Gain vs Supply Voltage
–10.0
–10.5
–11.0
–11.5
–12.0
–12.5
–13.0
–13.5
–14.0
–14.5
–15.0
–15.5
–16.0
–16.5
–17.0
TEMPERATURE OC
–40 –30 –20 –10
0
10
20
30
40
50
60 70
80
90
SR00079
Figure 12. Third-Order Intercept Point
6.00
5.75
5.50
5.25
5.00
4.75
4.50
4.25
4.00
–40 –30 –20 –10
0
10
20
30
40
50
60 70
80 90
TEMPERATURE OC
4.5V
6.0V
8.5V
SR00080
Figure 13. Noise Figure
–80
–60
–40
–20
0
20
20
0
–20
–40
–60
3rd ORDER PRODUCT
FUND. PRODUCT
RF INPUT LEVEL (dBm)
RF1 = 45MHz, IF = 455kHz, RF2 = 45.06MHz
SR00081
Figure 14. Third-Order Intercept and Compression
–10
–11
–12
–13
–14
–15
–16
–17
–18
45
6
7
8
9
10
VCC (VOLTS)
SR00082
Figure 15. Input Third-Order Intermod Point vs VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com