Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFFX054Z Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SFFX054Z
Description  35 AMP 60 VOLTS 0.022ohm N-Channel Power MOSFET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SFFX054Z Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SFFX054Z Datasheet HTML 1Page - Solid States Devices, Inc SFFX054Z Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image


Similar Part No. - SFFX054Z

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SFF-018 ETC2-SFF-018 Datasheet
128Kb / 1P
Soft Fast Feets
SFF-018 ETC2-SFF-018 Datasheet
161Kb / 1P
SOFT FAST FEET
SFF-021 ETC2-SFF-021 Datasheet
161Kb / 1P
SOFT FAST FEET
SFF-023 ETC2-SFF-023 Datasheet
128Kb / 1P
Soft Fast Feets
SFF-023 ETC2-SFF-023 Datasheet
161Kb / 1P
SOFT FAST FEET
More results

Similar Description - SFFX054Z

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SFF044J SSDI-SFF044J Datasheet
199Kb / 2P
35 AMP 60 Volts 0.035OHM N-Channel POWER MOSFET
SFF054M SSDI-SFF054M Datasheet
225Kb / 2P
35 AMP 60Volts 0.022OHM N-Channel POWER MOSFET
SFF054C SSDI-SFF054C Datasheet
214Kb / 2P
35 AMP 60 Volts 0.025OHM N-Channel POWER MOSFET
SFF054-61 SSDI-SFF054-61 Datasheet
231Kb / 2P
35 AMP 60 Volts 0.022OHM N-Channel POWER MOSFET
SFL024-5 SSDI-SFL024-5 Datasheet
214Kb / 2P
10 AMP 60 Volts 0.10 ohm N-Channel LOGIC LEVEL Power MOSFET
SFL044J SSDI-SFL044J Datasheet
75Kb / 2P
30 AMP / 60 Volts / 0.030 廓 N-Channel, Logic Level POWER MOSFET
SFF75N06M SSDI-SFF75N06M Datasheet
52Kb / 2P
75 AMP 60 VOLTS 15m OHM N-Channel Power MOSFET
SFF75N06-28 SSDI-SFF75N06-28 Datasheet
267Kb / 2P
30 AMP 60 VOLTS 25m廓 N-CHANNEL POWER MOSFET
logo
Unisonic Technologies
60N06 UTC-60N06 Datasheet
201Kb / 8P
60 Amps, 60 Volts N-CHANNEL POWER MOSFET
50N06 UTC-50N06_13 Datasheet
345Kb / 8P
50 Amps, 60 Volts N-CHANNEL POWER MOSFET
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com