Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CK-2125-R10MTK Datasheet(PDF) 12 Page - Kemet Corporation

Part # CK-2125-R10MTK
Description  Surface Mount Ferrite Products
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

CK-2125-R10MTK Datasheet(HTML) 12 Page - Kemet Corporation

Back Button CK-2125-R10MTK Datasheet HTML 8Page - Kemet Corporation CK-2125-R10MTK Datasheet HTML 9Page - Kemet Corporation CK-2125-R10MTK Datasheet HTML 10Page - Kemet Corporation CK-2125-R10MTK Datasheet HTML 11Page - Kemet Corporation CK-2125-R10MTK Datasheet HTML 12Page - Kemet Corporation CK-2125-R10MTK Datasheet HTML 13Page - Kemet Corporation CK-2125-R10MTK Datasheet HTML 14Page - Kemet Corporation CK-2125-R10MTK Datasheet HTML 15Page - Kemet Corporation CK-2125-R10MTK Datasheet HTML 16Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
© KEMET Electronics Corporation, P.O. Box 5928, Greenville, SC 29606 (864) 963-6300
12
0201 Case Size Multilayer Chip Inductors for High Frequency (HK 0603 Series)
Ordering code
Inductance
(nH)
Inductance
Tolerance
Q
min.
Measuring
Frequency
(MHz)
Typical Q
Self-resonant
Frequency (MHz)
DC Resistance
(
Ω
Ω)
Maximum
Rated
Current (mA)
Thickness mm (inches)
Tape & Reel
Packaging
Quantity
Frequency (MHz)
100 300 500
800 1000
min.
typ.
max.
typ.
HK-0603-IN0STK
1.0
±0.3nH
4
100
6
12
17
22
27
10000
>13000
0.14
0.088
250
0.30 ±0.03 (0.012 ±0.001)
15,000
HK-0603-1N2STK
1.2
±0.3nH
4
100
6
12
16
21
25
10000
>13000
0.14
0.089
250
0.30 ±0.03 (0.012 ±0.001)
15,000
HK-0603-1N5STK
1.5
±0.3nH
4
100
6
12
15
20
23
10000
>13000
0.18
0.11
230
0.30 ±0.03 (0.012 ±0.001)
15,000
HK-0603-1N8STK
1.8
±0.3nH
4
100
6
12
15
20
23
10000
>13000
0.19
0.12
200
0.30 ±0.03 (0.012 ±0.001)
15,000
HK-0603-2N2STK
2.2
±0.3nH
4
100
6
12
15
20
22
8800
12500
0.22
0.14
200
0.30 ±0.03 (0.012 ±0.001)
15,000
HK-0603-2N7STK
2.7
±0.3nH
5
100
7
12
15
20
22
7700
11000
0.25
0.16
200
0.30 ±0.03 (0.012 ±0.001)
15,000
HK-0603-3N3STK
3.3
±0.3nH
5
100
7
12
15
20
22
6700
9600
0.30
0.19
180
0.30 ±0.03 (0.012 ±0.001)
15,000
HK-0603-3N9STK
3.9
±0.3nH
5
100
7
12
15
20
22
6000
8600
0.30
0.20
170
0.30 ±0.03 (0.012 ±0.001)
15,000
HK-0603-4N7STK
4.7
±0.3nH
5
100
7
12
15
19
21
5300
7600
0.40
0.25
150
0.30 ±0.03 (0.012 ±0.001)
15,000
HK-0603-5N6STK
5.6
±0.3nH
5
100
7
12
15
19
21
4600
6600
0.40
0.25
150
0.30 ±0.03 (0.012 ±0.001)
15,000
HK-0603-6N8JTK
6.8
±5%
5
100
7
11
14
18
20
3900
5600
0.48
0.30
150
0.30 ±0.03 (0.012 ±0.001)
15,000
HK-0603-8N2JTK
8.2
±5%
5
100
7
11
14
18
19
3400
4900
0.55
0.34
150
0.30 ±0.03 (0.012 ±0.001)
15,000
HK-0603-10NJTK
10
±5%
5
100
7
11
14
17
18
2900
4200
0.63
0.39
150
0.30 ±0.03 (0.012 ±0.001)
15,000
HK-0603-12NJTK
12
±5%
5
100
7
11
14
17
18
2700
3800
0.70
0.45
100
0.30 ±0.03 (0.012 ±0.001)
15,000
HK-0603-15NJTK
15
±5%
5
100
7
11
13
16
17
2300
3300
0.80
0.50
100
0.30 ±0.03 (0.012 ±0.001)
15,000
HK-0603-18NJTK
18
±5%
5
100
7
11
13
16
17
2100
3000
0.90
0.57
100
0.30 ±0.03 (0.012 ±0.001)
15,000
HK-0603-22NJTK
22
±5%
5
100
7
11
13
15
16
1800
2600
1.20
0.71
100
0.30 ±0.03 (0.012 ±0.001)
15,000
HK-0603-27NJTK
27
±5%
4
100
6
10
12
14
15
1800
2600
1.80
1.11
50
0.30 ±0.03 (0.012 ±0.001)
15,000
HK-0603-33NJTK
33
±5%
4
100
6
10
12
14
14
1700
2400
2.10
1.33
50
0.30 ±0.03 (0.012 ±0.001)
15,000
HK-0603-39NJTK
39
±5%
4
100
6
10
12
13
12
1500
2100
2.40
1.51
50
0.30 ±0.03 (0.012 ±0.001)
15,000
HK-0603-47NJTK
47
±5%
4
100
6
10
11
12
11
1300
1800
2.80
1.74
50
0.30 ±0.03 (0.012 ±0.001)
15,000
HK-0603-56NJTK
56
±5%
4
100
6
10
11
11
10
1100
1600
3.00
1.85
50
0.30 ±0.03 (0.012 ±0.001)
15,000
HK-0603-68NJTK
68
±5%
4
100
6
10
11
11
10
1100
1500
3.00
2.30
50
0.30 ±0.03 (0.012 ±0.001)
15,000
HK-0603-82NJTK
82
±5%
4
100
6
10
11
10
8
1000
1400
3.50
2.60
50
0.30 ±0.03 (0.012 ±0.001)
15,000
HK-0603-R10JTK
100
±5%
4
100
6
9
10
9
6
900
1200
4.00
3.00
40
0.30 ±0.03 (0.012 ±0.001)
15,000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com