Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CK-2125-R10MTK Datasheet(PDF) 20 Page - Kemet Corporation

Part # CK-2125-R10MTK
Description  Surface Mount Ferrite Products
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

CK-2125-R10MTK Datasheet(HTML) 20 Page - Kemet Corporation

Back Button CK-2125-R10MTK Datasheet HTML 16Page - Kemet Corporation CK-2125-R10MTK Datasheet HTML 17Page - Kemet Corporation CK-2125-R10MTK Datasheet HTML 18Page - Kemet Corporation CK-2125-R10MTK Datasheet HTML 19Page - Kemet Corporation CK-2125-R10MTK Datasheet HTML 20Page - Kemet Corporation CK-2125-R10MTK Datasheet HTML 21Page - Kemet Corporation CK-2125-R10MTK Datasheet HTML 22Page - Kemet Corporation CK-2125-R10MTK Datasheet HTML 23Page - Kemet Corporation CK-2125-R10MTK Datasheet HTML 24Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
© KEMET Electronics Corporation, P.O. Box 5928, Greenville, SC 29606 (864) 963-6300
20
Ordering Code
Inductance
(μH)
Inductance
Tolerance
Q
min.
Minimum Self
Resonant
Frequency (MHz)
Maximum DC
Resistance
(
Ω
Ω)
Maximum
Rated Current
(mA)
Measuring
Frequency
(MHz)
Thickness mm (inches)
Tape & Reel
Packaging
Quantity
CK-2125-R10MTK
0.10
±20%
15
235
0.16
500
25
0.85 ±0.2 (0.033 ±0.008)
4,000
CK-2125-R15MTK
0.15
±20%
15
200
0.20
500
25
0.85 ±0.2 (0.033 ±0.008)
4,000
CK-2125-R22MTK
0.22
±20%
15
170
0.23
400
25
0.85 ±0.2 (0.033 ±0.008)
4,000
CK-2125-R33MTK
0.33
±20%
15
145
0.28
400
25
0.85 ±0.2 (0.033 ±0.008)
4,000
CK-2125-R47MTK
0.47
±20%
15
125
0.32
400
25
1.25 ±0.2 (0.049 ±0.008)
2,000
CK-2125-R68MTK
0.68
±20%
15
105
0.45
300
25
1.25 ±0.2 (0.049 ±0.008)
2,000
CK-2125-1R0MTK
1.0
±20%
20
75
0.26
220
10
0.85 ±0.2 (0.033 ±0.008)
4,000
CK-2125-1R5MTK
1.5
±20%
20
60
0.28
170
10
0.85 ±0.2 (0.033 ±0.008)
4,000
CK-2125-2R2MTK
2.2
±20%
20
50
0.35
150
10
0.85 ±0.2 (0.033 ±0.008)
4,000
CK-2125-3R3MTK
3.3
±20%
20
41
0.43
130
10
1.25 ±0.2 (0.049 ±0.008)
2,000
CK-2125-4R7MTK
4.7
±20%
20
35
0.48
80
10
1.25 ±0.2 (0.049 ±0.008)
2,000
CK-2125-6R8MTK
6.8
±20%
20
29
0.52
70
4
1.25 ±0.2 (0.049 ±0.008)
2,000
CK-2125-100MTK
10.0
±20%
20
24
0.65
60
2
1.25 ±0.2 (0.049 ±0.008)
2,000
Ordering Code
Inductance
(μH)
Inductance
Tolerance
Minimum
Inductance at
200mA (μH)
Maximum DC
Resistance
(
Ω
Ω)
Maximum Rated
Current (mA)
Measuring
Frequency
(MHz)
Thickness mm (inches)
Tape & Reel
Packaging
Quantity
CKP3216-1R0MTK
1.0
±20%
0.5
0.11
1100
1
0.80 ±0.15 (0.031 ±0.006)
4,000
CKP3216-1R5MTK
1.5
±20%
0.8
0.13
1000
1
0.80 ±0.15 (0.031 ±0.006)
4,000
CKP3216-2R2MTK
2.2
±20%
1.1
0.14
900
1
0.80 ±0.15 (0.031 ±0.006)
4,000
CKP3216-3R3MTK
3.3
±20%
1.4
0.16
800
1
0.80 ±0.15 (0.031 ±0.006)
4,000
CKP3210-4R7MTK
4.7
±20%
1.9
0.20
700
1
0.80 ±0.15 (0.031 ±0.006)
4,000
0805 Case Size Multilayer Chip Inductors (CK 2125 Series)
1206 Case Size Multilayer Chip Inductors (CKP 3216 Series)
Ordering Code
Inductance
(μH)
Inductance
Tolerance
Minimum
Inductance at
200mA (μH)
Maximum DC
Resistance
(
Ω
Ω)
Maximum Rated
Current (mA)
Measuring
Frequency
(MHz)
Thickness mm (inches)
Tape & Reel
Packaging
Quantity
CK-1608-4R7MTK
4.7
±20%
20
0.45
60
4
0.80 ±0.15 (0.031 ±0.006)
4,000
CK-1608-100MTK
10.0
±20%
20
0.85
50
2
0.80 ±0.15 (0.031 ±0.006)
4,000
0603 Case Size Multilayer Chip Inductors (CK 1608 Series)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com