Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XR19L210 Datasheet(PDF) 21 Page - Exar Corporation

Part # XR19L210
Description  SINGLE CHANNEL INTEGRATED UART AND RS-232 TRANSCEIVER
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR19L210 Datasheet(HTML) 21 Page - Exar Corporation

Back Button XR19L210 Datasheet HTML 17Page - Exar Corporation XR19L210 Datasheet HTML 18Page - Exar Corporation XR19L210 Datasheet HTML 19Page - Exar Corporation XR19L210 Datasheet HTML 20Page - Exar Corporation XR19L210 Datasheet HTML 21Page - Exar Corporation XR19L210 Datasheet HTML 22Page - Exar Corporation XR19L210 Datasheet HTML 23Page - Exar Corporation XR19L210 Datasheet HTML 24Page - Exar Corporation XR19L210 Datasheet HTML 25Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 43 page
background image
XR19L210
21
REV. 1.0.1
SINGLE CHANNEL INTEGRATED UART AND RS-232 TRANSCEIVER
4.4.2
IER versus Receive/Transmit FIFO Polled Mode Operation
When FCR bit-0 equals a logic 1 for FIFO enable; resetting IER bits 0-3 enables the XR19L210 in the FIFO
polled mode of operation. Since the receiver and transmitter have separate bits in the LSR either or both can
be used in the polled mode by selecting respective transmit or receive control bit(s).
A. LSR BIT-0 indicates there is data in RHR or RX FIFO.
B. LSR BIT-1 indicates an overrun error has occurred and that data in the FIFO may not be valid.
C. LSR BIT 2-4 provides the type of receive data errors encountered for the data byte in RHR, if any.
D. LSR BIT-5 indicates THR is empty.
E. LSR BIT-6 indicates when both the transmit FIFO and TSR are empty.
F. LSR BIT-7 indicates a data error in at least one character in the RX FIFO.
IER[0]: RHR Interrupt Enable
The receive data ready interrupt will be issued when RHR has a data character in the non-FIFO mode or when
the receive FIFO has reached the programmed trigger level in the FIFO mode.
• Logic 0 = Disable the receive data ready interrupt (default).
• Logic 1 = Enable the receiver data ready interrupt.
IER[1]: THR Interrupt Enable
This bit enables the Transmit Ready interrupt which is issued whenever the THR becomes empty in the non-
FIFO mode or when data in the FIFO falls below the programmed trigger level in the FIFO mode. If the THR is
empty when this bit is enabled, an interrupt will be generated.
• Logic 0 = Disable Transmit Ready interrupt (default).
• Logic 1 = Enable Transmit Ready interrupt.
IER[2]: Receive Line Status Interrupt Enable
If any of the LSR register bits 1, 2, 3 or 4 is a logic 1, it will generate an interrupt to inform the host controller
about the error status of the current data byte in FIFO. LSR bit-1 generates an interrupt immediately when the
character has been received. LSR bits 2-4 generate an interrupt when the character with errors is read out of
the FIFO.
• Logic 0 = Disable the receiver line status interrupt (default).
• Logic 1 = Enable the receiver line status interrupt.
IER[3]: Modem Status Interrupt Enable
• Logic 0 = Disable the modem status register interrupt (default).
• Logic 1 = Enable the modem status register interrupt.
IER[4]: Sleep Mode Enable (requires EFR bit-4 = 1)
• Logic 0 = Disable Sleep Mode (default).
• Logic 1 = Enable Sleep Mode. See Sleep Mode section for further details.
IER[5]: Xoff Interrupt Enable (requires EFR bit-4=1)
• Logic 0 = Disable the software flow control, receive Xoff interrupt (default).
• Logic 1 = Enable the software flow control, receive Xoff interrupt. See Software Flow Control section for
details.
IER[6]: RTS Output Interrupt Enable (requires EFR bit-4=1)
• Logic 0 = Disable the RTS interrupt (default).
• Logic 1 = Enable the RTS interrupt. The UART issues an interrupt when the RTS pin makes a transition from
low to high.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com