Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XR19L210 Datasheet(PDF) 9 Page - Exar Corporation

Part # XR19L210
Description  SINGLE CHANNEL INTEGRATED UART AND RS-232 TRANSCEIVER
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR19L210 Datasheet(HTML) 9 Page - Exar Corporation

Back Button XR19L210 Datasheet HTML 5Page - Exar Corporation XR19L210 Datasheet HTML 6Page - Exar Corporation XR19L210 Datasheet HTML 7Page - Exar Corporation XR19L210 Datasheet HTML 8Page - Exar Corporation XR19L210 Datasheet HTML 9Page - Exar Corporation XR19L210 Datasheet HTML 10Page - Exar Corporation XR19L210 Datasheet HTML 11Page - Exar Corporation XR19L210 Datasheet HTML 12Page - Exar Corporation XR19L210 Datasheet HTML 13Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 43 page
background image
XR19L210
9
REV. 1.0.1
SINGLE CHANNEL INTEGRATED UART AND RS-232 TRANSCEIVER
Programming the Baud Rate Generator Registers DLM and DLL provides the capability of selecting the
operating data rate. Table 3 shows the standard data rates available with a 14.7456 MHz crystal or external
clock at 16X sampling rate clock rate. When using a non-standard data rate crystal or external clock, the
divisor value can be calculated for DLL/DLM with the following equation.
2.10
Transmitter
The transmitter section comprises of an 8-bit Transmit Shift Register (TSR) and 16 bytes of FIFO which
includes a byte-wide Transmit Holding Register (THR). TSR shifts out every data bit with the 16X internal
clock. A bit time is 16 clock periods. The transmitter sends the start-bit followed by the number of data bits,
inserts the proper parity-bit if enabled, and adds the stop-bit(s). The status of the FIFO and TSR are reported in
the Line Status Register (LSR bit-5 and bit-6).
2.10.1
Transmit Holding Register (THR) - Write Only
The transmit holding register is an 8-bit register providing a data interface to the host processor. The host
writes transmit data byte to the THR to be converted into a serial data stream including start-bit, data bits,
parity-bit and stop-bit(s). The least-significant-bit (Bit-0) becomes first data bit to go out. The THR is the input
register to the transmit FIFO of 16 bytes when FIFO operation is enabled by FCR bit-0. Every time a write
operation is made to the THR, the FIFO data pointer is automatically bumped to the next sequential data
location.
FIGURE 5. BAUD RATE GENERATOR AND PRESCALER
divisor (decimal) = (XTAL1 clock frequency / prescaler) / (serial data rate x 16)
TABLE 3: TYPICAL DATA RATES WITH A 14.7456 MHZ CRYSTAL OR EXTERNAL CLOCK
OUTPUT Data Rate
MCR Bit-7=1
OUTPUT Data Rate
MCR Bit-7=0
(DEFAULT)
DIVISOR FOR 16x
Clock (Decimal)
DIVISOR FOR 16x
Clock (HEX)
DLM
PROGRAM
VALUE (HEX)
DLL
PROGRAM
VALUE (HEX)
DATA RATE
ERROR (%)
100
400
2304
900
09
00
0
600
2400
384
180
01
80
0
1200
4800
192
C0
00
C0
0
2400
9600
96
60
00
60
0
4800
19.2k
48
30
00
30
0
9600
38.4k
24
18
00
18
0
19.2k
76.8k
12
0C
00
0C
0
38.4k
153.6k
6
06
00
06
0
57.6k
230.4k
4
04
00
04
0
XTAL1
XTAL2
Crystal
Osc/
Buffer
MCR Bit-7=0
(default)
MCR Bit-7=1
DLL and DLM
Registers
Prescaler
Divide by 1
Prescaler
Divide by 4
16X
Sampling
Rate Clock to
Transmitter
Baud Rate
Generator
Logic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com