Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM720MD Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # SM720MD
Description  70 mA, 35 VOLTS HIGH RELIABILITY ELECTRONIC PROTECTION ARRAY for ESD and OVERVOLTAGE PROTECTION
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SM720MD Datasheet(HTML) 2 Page - Solid States Devices, Inc

  SM720MD Datasheet HTML 1Page - Solid States Devices, Inc SM720MD Datasheet HTML 2Page - Solid States Devices, Inc SM720MD Datasheet HTML 3Page - Solid States Devices, Inc SM720MD Datasheet HTML 4Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ELECTRICAL CHARACTERISTICS 3/
CHARACTERISTICS
SYMBOL
MIN
TYP
MAX
UNIT
Operating Voltage Range
(VSUPPLY = [(V+) – (V-)] )
VSUPPLY
0
2 to 30
35
Volts
Peak Forward/Reverse Voltage Drop
IN to V- (with V- Reference), IIN = -1A (1 ms Peak Pulse)
IN to V+ (with V+ Reference), IIN = +1A (1 ms Peak Pulse)
VIN – (V-)
VIN – (V+)
-2
+2
Volts
DC Forward/Reverse Voltage Drop
IN to V- (with V- Reference), IIN = -100 mA to V-
IN to V+ (with V+ Reference), IIN = +100 mA to V+
VIN – (V-)
VIN – (V+)
-1.5
+1.5
Volts
Input Leakage Current
V- < VIN < V+, VSUPPLY = 30V
IIN
-15
5
+15
nA
Quiescent Supply Current
V- < VIN < V+, VSUPPLY =30V
IQUIESCENT
50
150
nA
Equivalent SCR ON Threshold
1.1
Volts
Equivalent SCR ON Resistance (VFWD/IFWD,)
1
Ohms
Input Capacitance
CIN
3
pF
Input Switching Speed
tON
2
ns
NOTES:
1/ For Ordering Information, Price, Operating Curves, and Availability- Contact Factory.
2/ Screened to MIL-M-38510.
3/ Unless Otherwise Specified, All Electrical Characteristics @25ºC.
PINOUTS:
FUNCTIONAL BLOCK DIAGRAM:
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SM720MD and SM720MM
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: LA0009A
DOC



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com