Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM720MD Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SM720MD
Description  70 mA, 35 VOLTS HIGH RELIABILITY ELECTRONIC PROTECTION ARRAY for ESD and OVERVOLTAGE PROTECTION
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SM720MD Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SM720MD Datasheet HTML 1Page - Solid States Devices, Inc SM720MD Datasheet HTML 2Page - Solid States Devices, Inc SM720MD Datasheet HTML 3Page - Solid States Devices, Inc SM720MD Datasheet HTML 4Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Designer’s Data Sheet
Part Number/Ordering Information 1/
SM720
__ __
└ Screening 2/
__ = Not Screened
B = Class B
S = Class S
│
│
│
│
│
│
└
Package Type
MD = 16 Pin SBDIP
MM = 20 Pin CLCC
SM720MD and SM720MM
70 mA, 35 VOLTS
HIGH RELIABILITY ELECTRONIC
PROTECTION ARRAY for ESD and
OVERVOLTAGE PROTECTION
FEATURES:
•
MIL-M-38510 Compliant
•
Military Temperature Range -55 to +125 °C
•
An Array of 14 SCR/Diode Pairs
•
ESD Interface Capability for HBM Standards: 6kV
(MIL-STD-3015.7)
•
High Peak Surge Capability ±5A (4µs Single Pulse)
•
High Reliability Hermetic Ceramic Packages
•
Provides Over-Voltage Protection +30V (Single
Ended Voltage Range)
•
Fast Switching- 2ns Risetime
•
No Thermal Fatigue
•
Low Input Leakage Current- 1nA
•
Low Input Capacitance- 3pF Typical
•
Class B and Class S Screening Available
2/
•
Replacement for SP720MD, MM
MAXIMUM RATINGS 3/
RATING
SYMBOL
VALUE
UNIT
Continuous Supply Voltage
VSUPPLY
35
Volts
DC Input Current
IIN1
70
mAmps
Peak Input Current
(Single Pin Stress, 15V, 1 ms pulse)
(
Dual Pin Stress, 15V, 1 ms pulse)
IIN2
2
4
Amps
Power Dissipation
SM720MD @ 93ºC
SM720MM @105ºC
PD
1
Watts
Operating Temperature Range
Storage Temperature Range
Maximum Junction Temperature
Maximum Lead Temperature
(Soldering 10 seconds)
TO
TSTG
TJ
TL
-55 to +125
-65 to +150
+175
+265
°
C
Thermal Resistance
(RθJA is measured with the
component mounted on an
evaluation PC board in free air)
16 Pin SBDIP
20 Pin CLCC
16 Pin SBDIP
20 Pin CLCC
RθJC
RθJA
18
16
80
70
°
C/W
NOTES:
1/ For Ordering Information, Price, Operating Curves, and Availability- Contact Factory.
2/ Screened to MIL-M-38510.
3/ Unless Otherwise Specified, All Electrical Characteristics @25ºC.
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: LA0009A
DOC


Similar Part No. - SM720MD

ManufacturerPart #DatasheetDescription
logo
Linkage Goston Electron...
SM7205 LINKAGE-SM7205 Datasheet
2Mb / 7P
Program-controlled constant power switch
More results

Similar Description - SM720MD

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
SP720 HARRIS-SP720 Datasheet
206Kb / 6P
Electronic Protection Array for ESD and Over-Voltage Protection
SP721 HARRIS-SP721 Datasheet
176Kb / 6P
ELECTRONIC PROTECTION ARRAY FOR ESD AND OVER-VOLTAGE PROTECTION
logo
Littelfuse
SP720AP LITTELFUSE-SP720AP Datasheet
102Kb / 6P
TVS Diode Arrays - Elctronic Protection Array for ESD and Overvoltage Protection
SP723AB LITTELFUSE-SP723AB Datasheet
255Kb / 6P
TVS Diode Arrays - Electronic Protection Array for ESD and Overvoltage Protection
SP724AHT LITTELFUSE-SP724AHT Datasheet
154Kb / 6P
TVS Diode Arrays - SCR Diode Array for ESD and Transient Overvoltage Protection
SP721 LITTELFUSE-SP721 Datasheet
97Kb / 6P
Electronic Protection Array for ESD and Overvoltage Protection
SP724AHTP LITTELFUSE-SP724AHTP Datasheet
586Kb / 6P
SCR Diode Array for ESD and Transient Overvoltage Protection
logo
Unisonic Technologies
USP720 UTC-USP720 Datasheet
133Kb / 5P
ELECTRONIC PROTECTION ARRAY FOR ESD
logo
Infineon Technologies A...
TLE8110EE INFINEON-TLE8110EE_13 Datasheet
2Mb / 74P
Overvoltage, Overtemperature, ESD -Protection
logo
AMAZING Microelectronic...
AZ1603-02S AMAZING-AZ1603-02S Datasheet
195Kb / 7P
Low Capacitance ESD Protection Array For ESD and Surge Protection Revision 2019/
Revision 2019/10/15
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com