Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT79L71 Datasheet(PDF) 13 Page - Exar Corporation

Part # XRT79L71
Description  1-CHANNEL DS3/E3 ATM UNI/PPP/CLEAR-CHANNEL FRAMER IC - HARDWARE
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT79L71 Datasheet(HTML) 13 Page - Exar Corporation

Back Button XRT79L71 Datasheet HTML 9Page - Exar Corporation XRT79L71 Datasheet HTML 10Page - Exar Corporation XRT79L71 Datasheet HTML 11Page - Exar Corporation XRT79L71 Datasheet HTML 12Page - Exar Corporation XRT79L71 Datasheet HTML 13Page - Exar Corporation XRT79L71 Datasheet HTML 14Page - Exar Corporation XRT79L71 Datasheet HTML 15Page - Exar Corporation XRT79L71 Datasheet HTML 16Page - Exar Corporation XRT79L71 Datasheet HTML 17Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 109 page
background image
XRT79L71
10
REV. 1.0.0
1-CHANNEL DS3/E3 ATM UNI/PPP/CLEAR-CHANNEL FRAMER IC - HARDWARE
J16
J15
J14
PTYPE_0
PTYPE_1
PTYPE_2
I
Microprocessor Type Select input:
These three input pins are used to configure the Microprocessor Interface block to
readily support a wide variety of Microprocessor Interfaces. The relationship
between the settings of these input pins and the corresponding Microprocessor Inter-
face configuration is presented below.
J13
DBEN
I
Bi-directional Data Bus Enable Input pin:
This input pin permits the user to either enable or tri-state the Bi-Directional Data Bus
pins (D[7:0]).
Setting this input pin "Low" enables the Bi-directional Data bus. Setting this input
"High" tri-states the Bi-directional Data Bus.
B15
BLAST
I
Last Burst Transfer Indicator input pin:
If the Microprocessor Interface is operating in the Intel-I960 Mode, then this input pin
is used to indicate to the Microprocessor Interface block that the current data transfer
is the last data transfer within the current burst operation.
The Microprocessor should assert this input pin by toggling it "Low" in order to
denote that the current READ or WRITE operation within a BURST operation is the
last operation of this BURST operation.
NOTE:
If the user has configured the Microprocessor Interface to operate in the Intel
Asynchronous, the Motorola-Asynchronous or the Power PC 403 Mode,
then tie this input pin to GND.
H13
Direct_Ad
I
Direct Address Select pin:
The user should pull this input pin to the logic "High" level for normal operation.
PIN #
NAME
TYPE
DESCRIPTION
TEST AND DIAGNOSTIC
T9
TCK
I
Test Clock input, Boundary Scan Clock input:
NOTE: This input pin should be pulled "Low" for normal operation.
P9
TDI
I
Test Data input, Boundary Scan Test Data Input:
NOTE: This input pin should be pulled "Low" for normal operation.
PIN DESCRIPTIONS
PIN #NAME
TYPE
DESCRIPTION
PTYPE[2:0]
010
001
Intel-Asynchronous Mode
Intel i960
011
Intel X86
100
Power PC 403 Mode
IDT3051/52 (MIPS)
101
Motorola-Asynchronous Mode
(Motorola 68K)
000
Microprocessor Interface Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com