Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT79L71 Datasheet(PDF) 9 Page - Exar Corporation

Part # XRT79L71
Description  1-CHANNEL DS3/E3 ATM UNI/PPP/CLEAR-CHANNEL FRAMER IC - HARDWARE
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT79L71 Datasheet(HTML) 9 Page - Exar Corporation

Back Button XRT79L71 Datasheet HTML 5Page - Exar Corporation XRT79L71 Datasheet HTML 6Page - Exar Corporation XRT79L71 Datasheet HTML 7Page - Exar Corporation XRT79L71 Datasheet HTML 8Page - Exar Corporation XRT79L71 Datasheet HTML 9Page - Exar Corporation XRT79L71 Datasheet HTML 10Page - Exar Corporation XRT79L71 Datasheet HTML 11Page - Exar Corporation XRT79L71 Datasheet HTML 12Page - Exar Corporation XRT79L71 Datasheet HTML 13Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 109 page
background image
XRT79L71
6
REV. 1.0.0
1-CHANNEL DS3/E3 ATM UNI/PPP/CLEAR-CHANNEL FRAMER IC - HARDWARE
A16
ALE/AS
I
Address Latch Enable/Address Strobe:
The exact function of this input pin depends upon which mode the Microprocessor
Interface has been configured to operate in.
Intel-Asynchronous Mode - ALE
If the Microprocessor Interface of the XRT79L71 has been configured to operate in
the Intel-Asynchronous Mode, then this active-"High" input pin is used to latch the
address (present at the Microprocessor Interface Address Bus pins (A[14:0]) into the
XRT79L71 Microprocessor Interface block and to indicate the start of a READ or
WRITE cycle.
Pulling this input pin "High" enables the input bus drivers for the Address Bus input
pins (A[14:0]). The contents of the Address Bus will be latched into the XRT79L71
Microprocessor Interface circuitry, upon the falling edge of this input signal.
Motorola-Asynchronous (68K) Mode - AS
If the Microprocessor Interface has been configured to operate in the Motorola-Asyn-
chronous Mode, then this active-"Low" input pin is used to latch the data (residing on
the Address Bus, A[14:0]) into the Microprocessor Interface circuitry of the
XRT79L71.
Pulling this input pin "Low" enables the input bus drivers for the Address Bus input
pins. The contents of the Address Bus will be latched into the Microprocessor Inter-
face circuitry, upon the rising edge of this signal.
Power PC 403 Mode - No Function - Tie to GND:
If the Microprocessor Interface has been configured to operate in the Power PC 403
Mode, then this input pin has no role nor function and should be tied to GND.
D14
CS
I
Chip Select Input:
The user must assert this active "Low" signal in order to select the Microprocessor
Interface for READ and WRITE operations between the Microprocessor and the
XRT79L71 on-chip registers and buffer/memory locations.
D13
INT
O
Interrupt Request Output:
This active-"Low" output signal will be asserted when the XRT79L71 is requesting
interrupt service from the Microprocessor. This output pin should typically be con-
nected to the Interrupt Request input of the Microprocessor.
PIN DESCRIPTIONS
PIN #NAME
TYPE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com