Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT79L71 Datasheet(PDF) 21 Page - Exar Corporation

Part # XRT79L71
Description  1-CHANNEL DS3/E3 ATM UNI/PPP/CLEAR-CHANNEL FRAMER IC -
PDF  434 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT79L71 Datasheet(HTML) 21 Page - Exar Corporation

Back Button XRT79L71_1 Datasheet HTML 17Page - Exar Corporation XRT79L71_1 Datasheet HTML 18Page - Exar Corporation XRT79L71_1 Datasheet HTML 19Page - Exar Corporation XRT79L71_1 Datasheet HTML 20Page - Exar Corporation XRT79L71_1 Datasheet HTML 21Page - Exar Corporation XRT79L71_1 Datasheet HTML 22Page - Exar Corporation XRT79L71_1 Datasheet HTML 23Page - Exar Corporation XRT79L71_1 Datasheet HTML 24Page - Exar Corporation XRT79L71_1 Datasheet HTML 25Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 434 page
background image
XRT79L71
12
REV. 1.0.0
1-CHANNEL DS3/E3 ATM UNI/PPP/CLEAR-CHANNEL FRAMER IC - REGISTER/MAP DESCRIPTION
0x1701
Receive ATM Cell Processor - Receive Control Register - Byte 2
R/W
0x00
0x1702
Receive ATM Cell Processor - Receive Control Register - Byte 1
R/W
0x00
0x1703
Receive ATM Cell Processor - Receive Control Register - Byte 0
Receive PPP Packet Processor - Receive PPP Interrupt Status Register
R/W
0x00
0x1704 - 0x1706
Reserved
0x1707
Receive ATM Status Register
R/O
0x00
0x1708 - 0x1709
Reserved
0x170A
Receive ATM Cell Processor - Receive Interrupt Status Register -Byte 1
RUR
0x00
0x170B
Receive ATM Cell Processor - Receive Interrupt Status Register - Byte 0
Receive PPP Packet Processor - Receive PPP Interrupt Status Register
RUR
0x00
0x170C - 0x170D
Reserved
0x170E
Receive ATM Cell Processor - Receive Interrupt Enable Register - Byte 1
R/W
0x00
0x170F
Receive ATM Cell Processor - Receive Interrupt Enable Register - Byte 0
Receive PPP Packet Processor - Receive Interrupt Enable Register
R/W
0x00
0x1710
Receive PPP Packet Processor - Receive Good Packet Count Register -
Byte 3
RUR
0x00
0x1711
Receive PPP Packet Processor - Receive Good Packet Count Register -
Byte 2
RUR
0x00
0x1712
Receive PPP Packet Processor - Receive Good Packet Count Register -
Byte 1
RUR
0x00
0x1713
Receive ATM Cell Processor - Cell Insertion/Extraction Memory Control
Register
Receive PPP Packet Processor - Receive Good Packet Count Register -
Byte 0
R/O &
R/W
0x00
0x1714
Receive ATM Cell Processor - Cell Insertion/Extraction Memory Data Reg-
ister - Byte 3
Receive PPP Packet Processor - Receive FCS Error Count Register -
Byte 3
R/O &
R/W
0x00
0x1715
Receive ATM Cell Processor - Cell Insertion/Extraction Memory Data Reg-
ister - Byte 2
Receive PPP Packet Processor - Receive FCS Error Count Register -
Byte 2
R/O &
R/W
0x00
0x1716
Receive ATM Cell Processor - Cell Insertion/Extraction Memory Data Reg-
ister - Byte 1
Receive PPP Packet Processor - Receive FCS Error Count Register -
Byte 1
R/O &
R/W
0x00
RECEIVE ATM CELL PROCESSOR/PPP PROCESSOR BLOCK CONTROL REGISTERS
ADDRESS LOCATION
REGISTER NAME
TYPE
DEFAULT
VALUE
CHANNEL CONTROL REGISTERS
RECEIVE ATM CELL PROCESSOR/PPP PACKET PROCESSOR BLOCK CONTROL REGISTERS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com