Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT79L71 Datasheet(PDF) 39 Page - Exar Corporation

Part # XRT79L71
Description  1-CHANNEL DS3/E3 ATM UNI/PPP/CLEAR-CHANNEL FRAMER IC -
PDF  434 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT79L71 Datasheet(HTML) 39 Page - Exar Corporation

Back Button XRT79L71_1 Datasheet HTML 35Page - Exar Corporation XRT79L71_1 Datasheet HTML 36Page - Exar Corporation XRT79L71_1 Datasheet HTML 37Page - Exar Corporation XRT79L71_1 Datasheet HTML 38Page - Exar Corporation XRT79L71_1 Datasheet HTML 39Page - Exar Corporation XRT79L71_1 Datasheet HTML 40Page - Exar Corporation XRT79L71_1 Datasheet HTML 41Page - Exar Corporation XRT79L71_1 Datasheet HTML 42Page - Exar Corporation XRT79L71_1 Datasheet HTML 43Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 434 page
background image
XRT79L71
30
REV. 1.0.0
1-CHANNEL DS3/E3 ATM UNI/PPP/CLEAR-CHANNEL FRAMER IC - REGISTER/MAP DESCRIPTION
Operation Interrupt Enable Register - Byte 0 (Address = 0x0117)
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
Unused
Receive
ATM Cell/
PPP Proces-
sor Block
Interrupt
Enable
Unused
Transmit
ATM Cell/
PPP Proces-
sor Block
Interrupt
Enable
R/W
R/O
R/O
R/W
R/W
R/O
R/O
R/W
0
0
0
0
0
0
0
0
BIT NUMBER
NAME
TYPE
DESCRIPTION
7 - 5
Unused
R/O
4
Receive
ATM Cell/PPP Processor
Block Interrupt Enable
R/W
Receive ATM Cell/PPP Packet Processor Block Interrupt
Enable:
This READ/WRITE bit permit the user to either enable or disable
the Receive ATM Cell/PPP Packet Processor Block for interrupt
generation. If the user writes a "0" to this register bit and dis-
ables the Receive ATM Cell/PPP Packet Processor Block (for
interrupt generation), then all Receive ATM Cell/PPP Packet
Processor Block interrupts will be disabled for interrupt genera-
tion. If the user writes a "1" to this register bit, the user will still
need to enable the individual Receive ATM Cell/PPP Packet
Processor Block interrupt(s) at the Source Level in order to
enable that particular interrupt.
0 - Disable all Receive ATM Cell/PPP Packet Processor Block
interrupts within the device.
1 - Enables the Receive ATM Cell/PPP Packet Processor Block
for interrupt generation at the Block-Level.
3
Transmit
UTOPIA/POS-PHY
Interface Block Interrupt
Enable
R/W
Transmit UTOPIA/POS-PHY Interface Block Interrupt
Enable:
This READ/WRITE bit permit the user to either enable or disable
the Transmit UTOPIA/POS-PHY Interface Block for interrupt
generation. If the user writes a "0" to this register bit and dis-
ables the Transmit UTOPIA/POS-PHY Interface Block (for inter-
rupt generation), then all Transmit UTOPIA/POS-PHY Interface
Block interrupts will be disabled for interrupt generation. If the
user writes a "1" to this register bit, the user will still need to
enable the individual Transmit UTOPIA/POS-PHY Interface
Block interrupt(s) at the Source Level in order to enable that par-
ticular interrupt.
0 - Disable all Transmit UTOPIA/POS-PHY Interface Block inter-
rupts within the device.
1 - Enables the Transmit UTOPIA/POS-PHY Interface Block at
the Block-Level.
2 - 1
Unused
R/O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com