Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT79L71 Datasheet(PDF) 70 Page - Exar Corporation

Part # XRT79L71
Description  1-CHANNEL DS3/E3 ATM UNI/PPP/CLEAR-CHANNEL FRAMER IC -
PDF  434 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT79L71 Datasheet(HTML) 70 Page - Exar Corporation

Back Button XRT79L71 Datasheet HTML 66Page - Exar Corporation XRT79L71 Datasheet HTML 67Page - Exar Corporation XRT79L71 Datasheet HTML 68Page - Exar Corporation XRT79L71 Datasheet HTML 69Page - Exar Corporation XRT79L71 Datasheet HTML 70Page - Exar Corporation XRT79L71 Datasheet HTML 71Page - Exar Corporation XRT79L71 Datasheet HTML 72Page - Exar Corporation XRT79L71 Datasheet HTML 73Page - Exar Corporation XRT79L71 Datasheet HTML 74Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 434 page
background image
XRT79L71
61
1-CHANNEL DS3/E3 ATM UNI/PPP/CLEAR-CHANNEL FRAMER IC - REGISTER/MAP DESCRIPTION
REV. 1.0.0
1 - 0
Transmit Mode[1:0]
R/W
Transmit POS-PHY Interface Mode[1:0]:
These two READ/WRITE bit-fields, along with Bit 0 (Transmit
POS-PHY Level 2 Packet Mode) within the Transmit POS-PHY
Interface - Transmit Control Register Byte 2 permit the user to
configure the Transmit POS-PHY Interface block to operate in
any of the following modes.
• The Level 2, Packet Mode
• The Level 2, Chunk Mode
• The Level 3, Packet Mode
• The Level 3, Out-of-Band, Chunk Mode
• The Level 3, In-Band, Chunk Mode
The following table presents the relationship between these
three bits that the corresponding mode of the Transmit POS-
PHY Interface block.
A brief description of the Transmit POS-PHY Level 2 and 3
Modes are presented below.
If the Transmit POS-PHY Interface block is configured to
operate in the POS-PHY Level 2 Mode
If the Transmit POS-PHY Interface block is configured to operate
in the POS-PHY Level 2 Mode, then all of the following is true.
• When polling, the Receive POS-PHY Interface block will drive
the TxPPA output pin to the appropriate level (reflecting the
TxFIFO fill-status) within ONE TxPClk period (in lieu of two
TxPClk periods) after sampling a given POS-PHY Port
Address via the TxPAddr[4:0] input pins.
If the Transmit POS-PHY Interface block is configured to
operate in the POS-PHY Level 3 Mode
If the Transmit POS-PHY Interface block is configured to operate
in the POS-PHY Level 3 Mode, then all of the following are true.
• When polling, the Transmit POS-PHY Interface block will drive
the TxPPA output pin to the appropriate level (reflecting the
TxFIFO fill-status) within TWO TxPClk periods (in lieu of one
TxPClk periods) after sampling a given POS-PHY Port
Address via the TxPAddr[4:0] input pins.
BIT NUMBER
NAME
TYPE
DESCRIPTION
Resulting Mode of Operation
Level 2, Chunk Mode
Level 3, Out-of-Band Chunk Mode
Level 3, In-Band Chunk Mode
Level 3, Packet Mode
Level 2, Packet Mode
Transmit
Level 2 Mode
X
X
X
0
1
Transmit
Mode[1:0]
00
01
10
11
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com