Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT79L71 Datasheet(PDF) 73 Page - Exar Corporation

Part # XRT79L71
Description  1-CHANNEL DS3/E3 ATM UNI/PPP/CLEAR-CHANNEL FRAMER IC -
PDF  434 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT79L71 Datasheet(HTML) 73 Page - Exar Corporation

Back Button XRT79L71 Datasheet HTML 69Page - Exar Corporation XRT79L71 Datasheet HTML 70Page - Exar Corporation XRT79L71 Datasheet HTML 71Page - Exar Corporation XRT79L71 Datasheet HTML 72Page - Exar Corporation XRT79L71 Datasheet HTML 73Page - Exar Corporation XRT79L71 Datasheet HTML 74Page - Exar Corporation XRT79L71 Datasheet HTML 75Page - Exar Corporation XRT79L71 Datasheet HTML 76Page - Exar Corporation XRT79L71 Datasheet HTML 77Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 434 page
background image
XRT79L71
64
REV. 1.0.0
1-CHANNEL DS3/E3 ATM UNI/PPP/CLEAR-CHANNEL FRAMER IC - REGISTER/MAP DESCRIPTION
DS3/E3 FRAMER AND PLCP PROCESSOR BLOCK REGISTERS
DS/E3 FRAMER BLOCK REGISTERS
The register map for the DS3/E3 Framer Block is presented in the Table below. Additionally, a detailed
description of each of the ?DS3/E3 Framer? block registers is presented below
Framer Operating Mode Register (Address = 0x1100)
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
Framer Local
Loop Back
IsDS3
Interna lLOS
Enable
RESET
Direct Map
ATM
Frame For-
mat
TimRefSel[1:0]
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
0
0
1
0
1
0
1
1
BIT NUMBER
NAME
TYPE
DESCRIPTION
7
Framer Local Loop Back
R/W
Framer Block Local Loop-back Mode:
This READ/WRITE bit field configures the XRT79L71 to operate
in the Framer Local Loop-back Mode. If the XRT79L71 has
been configured to operate in the Framer Local Loop-back
Mode, then the signal that is generated by the Transmit DS3/E3
Framer block will be internally looped back into the receive input
of the Receive DS3/E3 Framer block.
NOTE: Whenever the XRT79L71 has been configured into the
Framer Local Loop-back Mode, then the Transmit DS3/
E3 LIU and Receive DS3/E3 LIU Blocks will NOT be
operating in the Signal Path.
0 - Configures the XRT79L71 to operate in the Normal Operating
(e.g., Non-Framer Local Loop-back) Mode
1 - Configures the XRT79L71 to operate in the Framer Local
Loop-back Mode
6
IsDS3
R/W
Is DS3 Mode:
This READ/WRITE bit-field, along with Bit 2 (Frame Format),
permits the user to configure both the Transmit and Receive
DS3/E3 Framer blocks to operate in the appropriate framing for-
mat. The relationship between the state of this bit-field, Bit 2 and
the resulting framing format is presented below.
+
NOTE: These bit settings also configure the Transmit DS3/E3
LIU and Receive DS3/E3 LIU Blocks into either the DS3
or E3 Modes.
Bit 2 (Frame
Format)
0
1
0
1
Bit 6 (IsDS3)
0
0
1
1
Framing Format
E3, ITU-T G.751
E3, ITU-T G.832
DS3, C-bit Parity
DS3, M13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com