Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SHA489 Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # SHA489
Description  IGBT REPLACEMENT ULTRA FAST SWITCHING DEVICE 200 Amps 250 Volts 1000 Watts
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SHA489 Datasheet(HTML) 2 Page - Solid States Devices, Inc

  SHA489 Datasheet HTML 1Page - Solid States Devices, Inc SHA489 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ELECTRICAL CHARACTERISTICS
Symbol
Min
Max
Units
Saturation Voltage
(I3 = 100 ADC, V2-1 = 12 V)*
(I3 = 200 ADC, V2-1 = 12 V)
(I3 = -100 ADC, V2-1 = -4 V)*
V3-1 (SAT)
––
––
––
3.2
7.0
1.6
Volts
Output Reverse Recovery
(IF = I3 = 0.5 A, IR = I3 = -1 A, to IRR =
I3 = 0.25 A)
trr
––
70
ns
Capacitance
Output (V3-1 = 10 V, V2-1 = -4 V)
Input (V3-1 = 0 V, V2-1 = 0 V)
C3-1
C2-1
––
––
5000
5000
pF
SOA
No Heatsink
(I3 = 100 ADC, V2-1 = 12 V)
(I3 = 60 ADC, V2-1 = 12 V)
––
––
1
6
sec
td
On Time
t(on)
tr
––
500
ns
Storage Time
ts
––
200
ns
Fall Time
V3-1 = 100 VDC, I3 = 10 A Load Limited, V2-1 adjusted for 20 A
I3 without load = (IB1), I2 = (IB2)= 2 A
t(off)
tf
––
250
ns
NOTES:
* Pulse Test: Pulse Width = 300µsec, Duty Cycle = 2%
1. Maximum forward voltage measured with instantaneous forward pulse of 300 µsec minimum.
2. Unless Otherwise Specified, All Electrical Characteristics @25ºC
PACKAGE OUTLINE: SHA489
Available Part Numbers
SHA489
PIN ASSIGNMENT (Standard)
Package
Collector
Emitter
Gate
SHA489
Pin 3
Pin 1
Pin 2
Solid State Devices, Inc.
14830 Valley View Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SDA489
.045



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com