Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SHA489 Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SHA489
Description  IGBT REPLACEMENT ULTRA FAST SWITCHING DEVICE 200 Amps 250 Volts 1000 Watts
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SHA489 Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SHA489 Datasheet HTML 1Page - Solid States Devices, Inc SHA489 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Solid State Devices, Inc.
14830 Valley View Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Designer’s Data Sheet
FEATURES:
• Power Dissipation 1 kW @ 25oC Case
• Extremely Large SOA
• Ultra Fast Switching, ts = 100 ns typical
(Outperforms IGBT)
• OFHC Copper Package
• Ideal for Motor Control/Power Systems
• Extremely Low RθJC: 0.1oC/W
• Can Be Driven From Low Level Logic
• Higher Current and Voltages Available. Consult
Factory
• Alternate Packages Available. Consult Factory.
• TX, TX-V, and S-Level Screening Available.
Consult Factory.
SHA489
IGBT REPLACEMENT
ULTRA FAST SWITCHING DEVICE
200 Amps
250 Volts
1000 Watts
MAXIMUM RATINGS
Symbol
Value
Units
Output Voltage (Collector – Emitter)
V3-1
250
V
Out/In Isolation (Collector – Gate)
V3-2
250
V
Input Voltage (Gate – Emitter)
V2-1
±20
V
Current Sink Capabilities (peak)
I3
200
A
Input Current (transistor switched off)*
I2
-5
A
Total Device Power Dissipation @ TC = 25ºC
Derate above 75ºC
PD
1000
8
W
W/ºC
Storage Temperature
Tstg
-55 to +150oC
ºC
THERMAL CHARACTERISTICS
Symbol
Value
Units
Thermal Resistance
(Junction – Case) Power Section
RθJC
0.1
ºC/W
ELECTRICAL CHARACTERISTICS
Symbol
Min
Max
Units
Output Breakdown (Collector – Emitter)
(I3 = 10 mA, V2-1 = -4 V)
BV3-1
250
––
Volts
Out/In Isolation (Collector – Gate)
(I3 = 300 µA, I1 = 0 V)
BV3-2
250
––
Volts
Input Breakdown Voltage
(I1 = -100 µA, I3 = 0 V)
(I1 = 100 µA, I3 = 0 V)
BV2-1
19
-8
22
––
Volts
Output Leakage Current
(V2-1 = -4 V, V3-1 ≤ 250 V)
I3
––
5
mA
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: PM0020A
DOC


Similar Part No. - SHA489

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
SHA4 CIT-SHA4 Datasheet
269Kb / 3P
CIT SWITCH
logo
Analog Devices
SHA4 AD-SHA4 Datasheet
1Mb / 4P
SAMPLE AND HOLD AMPLIFIERS
SHA4 AD-SHA4_15 Datasheet
1Mb / 4P
SAMPLE AND HOLD AMPLIFIERS
More results

Similar Description - SHA489

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CUD3-02 CENTRAL-CUD3-02 Datasheet
139Kb / 2P
ULTRA FAST RECOVERY RECTIFIER SINGLE, 3.0 AMPS, 200 VOLTS
logo
Solid States Devices, I...
SDR9JF SSDI-SDR9JF Datasheet
148Kb / 2P
9.0 AMPS 600 - 1000 VOLTS 250 ns typical FAST RECOVERY RECTIFIER
SDR1510JUF SSDI-SDR1510JUF Datasheet
47Kb / 2P
15 AMPS 1000 - 1200 VOLTS 75 nsec ULTRA FAST RECTIFIER
SPD6620 SSDI-SPD6620 Datasheet
148Kb / 2P
1.5 - 2 AMPS 200 침 1000 VOLTS 30 짰 60 nsec ULTRA FAST RECOVERY RECTIFIER
SPD4942SM SSDI-SPD4942SM Datasheet
97Kb / 2P
1 AMPS 200-1000 VOLTS 150-200 nsec FAST RECOVERY RECTIFIER
SDR1004UF SSDI-SDR1004UF Datasheet
207Kb / 2P
100 AMPS ULTRA FAST RECOVERY RECTIFIER 400- 1000 VOLTS
SDR1004 SSDI-SDR1004 Datasheet
241Kb / 2P
100 amps ultra fast recovery rectifier 400-1000 volts
SDR6K SSDI-SDR6K_1 Datasheet
145Kb / 2P
6.0 AMPS 800 - 1000 VOLTS 90 nsec ULTRA FAST RECTIFIER
logo
Chenmko Enterprise Co. ...
BAS21BPT CHENMKO-BAS21BPT Datasheet
117Kb / 2P
FAST SWITCHING DIODE VOLTAGE RANGE 250 Volts CURRENT 200 mAmpere
BAS21HPT CHENMKO-BAS21HPT Datasheet
91Kb / 2P
FAST SWITCHING DIODE VOLTAGE RANGE 250 Volts CURRENT 200 mAmpere
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com