Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6001DN Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP6001DN
Description  Monolithic Flyback/Forward DC-DC Converter Evaluation Board
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6001DN Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP6001DN Datasheet HTML 1Page - Monolithic Power Systems MP6001DN Datasheet HTML 2Page - Monolithic Power Systems MP6001DN Datasheet HTML 3Page - Monolithic Power Systems MP6001DN Datasheet HTML 4Page - Monolithic Power Systems MP6001DN Datasheet HTML 5Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
EV6001DN-00A – MONOLITHIC FLYBACK/FORWARD DC-DC CONVERTER EV BOARD
EV6001DN-00A Rev. 1.0
www.MonolithicPower.com
3
4/12/2006
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2006 MPS. All Rights Reserved.
TM
EV6001DN-00A BILL OF MATERIALS (continued)
Qty
Ref
Value
Description
Package
Manufacturer
Part Number
1
D5
Voltage Regulator Shunt,
1.24V
SOT-23
Zetex Inc
ZR431LF01TA
1
D6
Diode Schottky, 30V, 200mW
SOD-323
Diodes Inc
B0530WS-7-F
1
FB1
Ferrite Bead, 6A, 50Ω
1206
Steward
HI1206T500R-00
1
Q1
Transistor, PNP, 40V, 300mW
SOT-23
Rohm
SST3906
3
R1, R12,
R14
1kΩ
Film Res., 5%
603
Panasonic
ERJ-3GEYJ102V
1
R2
249kΩ Film Res., 1%
603
Panasonic
ERJ-3EKF2493V
1
R3
9.76kΩ Film Res., 1%
603
Panasonic
ERJ-3EKF9761V
1
R4
7.5kΩ
Film Res., 5%
603
Panasonic
ERJ-3GEYJ752V
4
R5, R19,
R24, R25
10kΩ
Film Res., 1%
603
Panasonic
ERJ-3EKF1002V
1
R6
1MΩ
Film Res., 5%
603
Panasonic
ERJ-3GEYJ105V
1
R7
20.5kΩ Film Res., 1%
603
Panasonic
ERJ-3EKF2052V
2
R8, R9
47kΩ
Film Res., 5%
805
Panasonic
ERJ-6GEYJ473V
1
R10
261Ω
Film Res., 1%
603
Panasonic
ERJ-3EKF2610V
3
R11,
R21, R22
No Stuff
Panasonic
1
R13
402Ω
Film Res., 1%
603
Panasonic
ERJ-3EKF4020V
1
R15
10Ω
Film Res., 5%
805
Panasonic
ERJ-6GEYJ100V
1
R16
0Ω
Film Res., 5%
603
Panasonic
ERJ-3GEY0R00V
2
R17, R18 30.1kΩ Film Res., 1%
603
Panasonic
ERJ-3EKF3012V
1
R20
100kΩ Film Res., 1%
603
Panasonic
ERJ-3EKF1003V
1
R23
16.2Ω
Film Res., 1%
603
Panasonic
ERJ-3EKF16R2V
1
T1
Flyback Transformer
SMD
Cooper
CTX28-17489-R
1
U1
DC-DC Converter
SO-8
MPS
MP6001DN
1
U2
Photocoupler, 1-Ch
4-SMD
Sharp
PC357NT



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com