Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6001DN Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP6001DN
Description  Monolithic Flyback/Forward DC-DC Converter Evaluation Board
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6001DN Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP6001DN Datasheet HTML 1Page - Monolithic Power Systems MP6001DN Datasheet HTML 2Page - Monolithic Power Systems MP6001DN Datasheet HTML 3Page - Monolithic Power Systems MP6001DN Datasheet HTML 4Page - Monolithic Power Systems MP6001DN Datasheet HTML 5Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
EV6001DN-00A
Monolithic Flyback/Forward
DC-DC Converter Evaluation Board
EV6001DN-00A Rev. 1.0
www.MonolithicPower.com
1
4/12/2006
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2006 MPS. All Rights Reserved.
The Future of Analog IC Technology
TM
TM
GENERAL DESCRIPTION
The EV6001DN-00A is an evaluation board for
the MP6001, a monolithic Flyback/Forward DC-
DC converter. The device integrates a 150V
power switch and is capable of delivering up to
15W output power. The MP6001 has an internal
soft-start, auto-retry, and incorporates over
current,
short
circuit,
and
over-voltage
protection. It can also skip cycles to maintain
zero load regulation.
This device is available in an 8-pin SOIC
package with an exposed pad.
ELECTRICAL SPECIFICATIONS
Parameter
Symbol
Value
Units
Input Voltage
VIN
36–75
V
Output Voltage
VOUT
5
V
Output Current
IOUT
2.7
A
FEATURES
• Integrated 150V Power Switch
• Integrated 100V Startup Circuit
• Cycle-by-Cycle Current Limiting
• Duty Cycle Limiting with Line Feed Forward
• Input UVLO + Over Voltage Protection
• Thermal Shutdown
APPLICATIONS
• Telecom Equipment
• VoIP Phones, Power over Ethernet (PoE)
• Distributed Power Conversions
“MPS” and “The Future of Analog IC Technology” are Trademarks of Monolithic
Power Systems, Inc.
EV6001DN-00A EVALUATION BOARD
(L x W x H) 2.4” x 0.9” x 0.5”
(6.0cm x 2.3cm x 1.2cm)
Board Number
MPS IC Number
EV6001DN-00A
MP6001DN
90
80
70
60
50
40
30
20
10
0
0
0.5
1.0
1.5
2.0
2.5
3.0
LOAD CURRENT (A)
MP6001-EC01
Efficiency vs
Load Current
VIN = 48V
VIN = 75V
VIN = 36V
VOUT = 5V


Similar Part No. - MP6001DN

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP6001DN MPS-MP6001DN Datasheet
251Kb / 6P
WLED Driver Evaluation Board
MP6001DN MPS-MP6001DN Datasheet
522Kb / 13P
Monolithic Flyback/Forward dd-DC Converter
MP6001DN MPS-MP6001DN Datasheet
234Kb / 7P
Monolithic Flyback/Forward DC-DC Converter EV Board
MP6001DN MPS-MP6001DN Datasheet
258Kb / 5P
Monolithic Buck DC-DC Converter EV Board
MP6001DN MPS-MP6001DN Datasheet
215Kb / 5P
Monolithic Flyback/Forward DC-DC Converter Evaluation Board
More results

Similar Description - MP6001DN

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP6001 MPS-MP6001 Datasheet
522Kb / 13P
Monolithic Flyback/Forward dd-DC Converter
MP6002 MPS-MP6002 Datasheet
511Kb / 15P
Monolithic Flyback/Forward DC-DC Converter
logo
Vicor Corporation
PI31XX-XX-EVAL1 VICOR-PI31XX-XX-EVAL1 Datasheet
2Mb / 14P
DC-DC Converter Evaluation Board
logo
STMicroelectronics
STEVAL-ISA023V1 STMICROELECTRONICS-STEVAL-ISA023V1 Datasheet
139Kb / 4P
Flyback AC-DC converter evaluation board based on the VIPer53-E
03-Dec-2007
logo
Monolithic Power System...
MP6003 MPS-MP6003 Datasheet
820Kb / 15P
Monolithic Flyback/SEPIC DC-DC Converter
EV6001DN-00B MPS-EV6001DN-00B Datasheet
234Kb / 7P
Monolithic Flyback/Forward DC-DC Converter EV Board
EV6001DN-00C MPS-EV6001DN-00C Datasheet
258Kb / 5P
Monolithic Buck DC-DC Converter EV Board
EV6001DN-01A MPS-EV6001DN-01A Datasheet
215Kb / 5P
Monolithic Flyback/Forward DC-DC Converter Evaluation Board
EV6002DN-00A MPS-EV6002DN-00A Datasheet
149Kb / 5P
Monolithic Flyback/Forward DC-DC Converter Evaluation Board
EV6003-N-00A MPS-EV6003-N-00A Datasheet
691Kb / 9P
Monolithic Flyback/Forward DC-DC Converter Evaluation Board
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com