Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6001DN Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP6001DN
Description  WLED Driver Evaluation Board
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6001DN Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP6001DN Datasheet HTML 1Page - Monolithic Power Systems MP6001DN Datasheet HTML 2Page - Monolithic Power Systems MP6001DN Datasheet HTML 3Page - Monolithic Power Systems MP6001DN Datasheet HTML 4Page - Monolithic Power Systems MP6001DN Datasheet HTML 5Page - Monolithic Power Systems MP6001DN Datasheet HTML 6Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
EV6001DN-00D – WLED DRIVER EVALUATION BOARD
EV6001DN-00D Rev. 1.0
www.MonolithicPower.com
3
9/5/2006
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2006 MPS. All Rights Reserved.
EV6001DN-00D BILL OF MATERIALS
Qty
Ref
Value
Description
Package
Manufacturer
Part Number
1
C1
10µF
Ceramic Cap., 25V, X7R
1210
TDK
C3225X7R1E106M
1
C2
2.2µF
Ceramic Cap., 50V, X7R
1210
TDK
C3225X7R1H225K
1
C3
4.7nF
Ceramic Cap., 50V, X7R
603
TDK
C1608X7R1H472K
1
C4
10µF
Ceramic Cap., 16V X7R
1206
TDK
C3216X7R1C106M
1
C5
100pF
Ceramic Cap., 50V, NPO
603
TDK
C1608C0G1H101J
2
C6, C7
Not Stuffed
603
2
R1, R3
10kΩ
Film Res., 5%
603
Panasonic
ERJ-3GEYJ103V
1
R2
10kΩ
Film Res., 5%
805
Panasonic
ERJ-6GEYJ103V
1
R4
10Ω
Film Res., 5%
805
Panasonic
ERJ-6GEYJ100V
1
R5
61.9kΩ Film Res., 1%
603
Panasonic
ERJ-3EKF6192V
1
R6
51.1kΩ Film Res., 1%
603
Panasonic
ERJ-3EKF5112V
1
R7
40.2kΩ Film Res., 1%
603
Panasonic
ERJ-3EKF4022V
1
R8
2.21kΩ Film Res., 1%
603
Panasonic
ERJ-3EKF2211V
1
R9
100kΩ Film Res., 5%
603
Panasonic
ERJ-3GEYJ104V
6
R10, R11,
R12, R13,
R14, R16
60.4Ω
Film Res., 1%
603
Panasonic
ERJ-3EKF60R4V
1
R15
15kΩ
Film Res., 5%
603
Panasonic
ERJ-3GEYJ153V
1
R17
4.99kΩ Film Res., 1%
603
Panasonic
ERJ-3EKF4991V
1
R18
0Ω
Film Res., 5%
603
Panasonic
ERJ-3GEY0R00V
1
R19
Not Stuffed
603
1
L1
33µH
Inductor, 2.2A
SMD
Sumida
CDR7D43MN-330
2
Q1, Q2
Transistor, NPN, 40V, 350mW
SOT-23
Diodes Inc
MMBT3904-7-F
3
Q3, Q4, Q5
Transistor, Dual NPN, 40V, 200mA
SOT-363
Diodes Inc
MMDT3904-7-F
2
ZD1, ZD3
Diode Zener, 1.8V
SOD-323
Central
Semiconductor
CMSZ1L8
1
ZD2
Diode Zener, 6.8V
SOD-123
Diodes Inc
BZT52C6V8-7
1
ZD4
Diode Zener, 2.2V
SOD-323
Central
Semiconductor
CMDZ2L2
1
CN1
Connector Header, 4P, 2mm
Any
1
CN2
Connector Header, 8P, 2mm
Any
1
U1
DC-DC Converter
SO-8
MPS
MP6001DN



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com