Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6001DN Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP6001DN
Description  WLED Driver Evaluation Board
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6001DN Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP6001DN Datasheet HTML 1Page - Monolithic Power Systems MP6001DN Datasheet HTML 2Page - Monolithic Power Systems MP6001DN Datasheet HTML 3Page - Monolithic Power Systems MP6001DN Datasheet HTML 4Page - Monolithic Power Systems MP6001DN Datasheet HTML 5Page - Monolithic Power Systems MP6001DN Datasheet HTML 6Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
EV6001DN-00D
WLED Driver
Evaluation Board
EV6001DN-00D Rev. 1.0
www.MonolithicPower.com
1
9/5/2006
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2006 MPS. All Rights Reserved.
The Future of Analog IC Technology
GENERAL DESCRIPTION
The EV6001DN-00D is an evaluation board for
the WLED driver application. It can drive 6
20mA strings of WLEDs with up to 10 WLEDs
per string. EV6001DN-00D has good current
balance among 6 strings. It also has PWM
dimming, EN function, and open circuit voltage
protection.
This device is available in an 8-pin SOIC
package with an exposed pad.
ELECTRICAL SPECIFICATIONS
Parameter
Symbol
Value
Units
Input Voltage
VIN
7 – 21
V
Output Voltage
VOUT
33
V
Output Current
IOUT
20mA x 6
mA
FEATURES
• Integrated 150V Power Switch
• Integrated 100V Startup Circuit
• Cycle-by-Cycle Current Limiting
• PWM Dimming
• Open Circuit Protection
• Backlight Current Balance
APPLICATIONS
• LCD Panel Backlight
• General and Accent Lighting
“MPS” and “The Future of Analog IC Technology” are Registered Trademarks of
Monolithic Power Systems, Inc.
EV6001DN-00D EVALUATION AND LED BOARDS
(L x W x H) 2.6” x 0.6” x 0.2”
(6.5cm x 1.5cm x 0.5cm)
Board Number
MPS IC Number
EV6001DN-00D
MP6001DN
(L x W x H) 3.3” x 0.8” x 0.2”
(8.5cm x 2.0cm x 0.5cm)
Board Number
MPS IC Number
MP6001 LED Board -00C
MP6001DN
90
85
80
75
70
65
60
55
50
510
15
20
25
INPUT VOLTAGE (V)
Efficiency vs
Input Voltage
ILED = 20mA


Similar Part No. - MP6001DN

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP6001DN MPS-MP6001DN Datasheet
222Kb / 5P
Monolithic Flyback/Forward DC-DC Converter Evaluation Board
MP6001DN MPS-MP6001DN Datasheet
522Kb / 13P
Monolithic Flyback/Forward dd-DC Converter
MP6001DN MPS-MP6001DN Datasheet
234Kb / 7P
Monolithic Flyback/Forward DC-DC Converter EV Board
MP6001DN MPS-MP6001DN Datasheet
258Kb / 5P
Monolithic Buck DC-DC Converter EV Board
MP6001DN MPS-MP6001DN Datasheet
215Kb / 5P
Monolithic Flyback/Forward DC-DC Converter Evaluation Board
More results

Similar Description - MP6001DN

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV0035 MPS-EV0035 Datasheet
128Kb / 4P
6 White LEDs, 20mA Precision WLED Driver Evaluation Board
EV1518DG-00A MPS-EV1518DG-00A Datasheet
167Kb / 3P
Fixed Frequency WLED Driver Evaluation Board
EV1528DQ-00A MPS-EV1528DQ-00A Datasheet
167Kb / 3P
9 Lamp, 20mA Preciscion WLED Driver Evaluation Board
EV4027-J-00B MPS-EV4027-J-00B Datasheet
769Kb / 12P
Low Line Voltage, 10W High side Buck PFC Offline WLED Driver Evaluation Board
EV3398E-F-00A MPS-EV3398E-F-00A Datasheet
392Kb / 6P
4 strings WLED Controller With 80V Return Evaluation Board
EV3398E-U-00A MPS-EV3398E-U-00A Datasheet
757Kb / 6P
4 strings WLED Controller With 80V Return Evaluation Board
EV3398T-F-00A MPS-EV3398T-F-00A Datasheet
402Kb / 6P
4 strings, 80V Return Voltage WLED Driver Evaluation Board
EV3306-G-00A MPS-EV3306-G-00A Datasheet
256Kb / 6P
700kHz Synchronous Boost WLED Driver Evaluation Board
EV3385-R-00A MPS-EV3385-R-00A Datasheet
634Kb / 8P
4 String WLED Controller With I2C Interface Evaluation Board
EV24894-J-00A MPS-EV24894-J-00A Datasheet
208Kb / 7P
Step-Down WLED-Curernt Controller Evaluation Board
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com