Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8042DF Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP8042DF
Description  High Current, Dual Channel Power Half-Bridge Evaluation Board
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8042DF Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP8042DF Datasheet HTML 1Page - Monolithic Power Systems MP8042DF Datasheet HTML 2Page - Monolithic Power Systems MP8042DF Datasheet HTML 3Page - Monolithic Power Systems MP8042DF Datasheet HTML 4Page - Monolithic Power Systems MP8042DF Datasheet HTML 5Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
EV8042DF-00B – HIGH CURRENT, DUAL CHANNEL POWER HALF-BRIDGE
EVALUATION BOARD
EV8042-00B Rev. 1.0
www.MonolithicPower.com
4
6/8/2006
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2006 MPS. All Rights Reserved.
TM
QUICK START GUIDE
The EV8042DF-00B comes pre-configured to operate as a BTL (Bridge-Tied Load) audio power driver,
where a complementary PWM modulated audio signal (PWM and PWM ) is used an input, and music is
played to a speaker connected to the output. For BTL operation, follow the steps in the Quick Start
Guide for BTL Operation section. For Single-Ended operation, make modifications and follow the steps
as described in the Quick Start Guide for Single-Ended Operation section.
Quick Start Guide for BTL (Bridge-Tied Load) Operation
Input/Output Requirements
1. Power supply: 7.5V to 24V.
2. Complementary PWM Signal Source (PWM, PWM ).
3. Speaker Load: 4Ω or 8Ω.
Setup Condition for Operation
4. Connect the speaker between SPK_OUT1 and SPK_OUT2 terminals.
5. Connect a PWM signal source to PWM1 and the complementary signal source PWM to PWM2,
respectively. Use the GND terminal between PWM1 and PWM2 as the ground connection for
the PWM inputs.
6. Apply power to the board.
7. Audio should be heard through the speaker.
Quick Start Guide for SE (Single-Ended) Operation
Input/Output Requirements
1. Power supply: 7.5V to 24V.
2. Stereo PWM Signal Source.
3. Two Speaker Loads: 4Ω or 8Ω each.
Setup Condition for Operation
4. Remove C10 and connect the speakers as shown in Figure 5.
5. Connect the stereo PWM signal source to the EV board. Connect channel 1 to PWM1 and
channel 2 to PWM2, respectively. Use the GND terminals between PWM1 and PWM2 as the
ground connections for the PWM inputs.
6. Apply power to the board.
7. Audio should be heard through the speakers.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com