Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8042DF Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP8042DF
Description  High Current, Dual Channel Power Half-Bridge Evaluation Board
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8042DF Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP8042DF Datasheet HTML 1Page - Monolithic Power Systems MP8042DF Datasheet HTML 2Page - Monolithic Power Systems MP8042DF Datasheet HTML 3Page - Monolithic Power Systems MP8042DF Datasheet HTML 4Page - Monolithic Power Systems MP8042DF Datasheet HTML 5Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
EV8042DF-00B
High Current, Dual Channel
Power Half-Bridge Evaluation Board
EV8042-00B Rev. 1.0
www.MonolithicPower.com
1
6/8/2006
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2006 MPS. All Rights Reserved.
The Future of Analog IC Technology
TM
TM
GENERAL DESCRIPTION
The EV8042DF-00B is the evaluation board for
the MP8042, a high current, dual channel
power half-bridge. It accepts PWM modulated
inputs for operation.
The MP8042 features a low current shutdown
mode, standby mode, input under voltage
protection, thermal shutdown and fault flag
signal output. Each channel can be driven
independently as stereo single-ended audio
amplifiers, or driven complementary in a bridge-
tied load (BTL) audio amplifier configuration.
Both channels of the driver interface with
standard logic signals. The MP8042 is available
in a 20-pin TSSOP (with Exposed Pad)
package.
ELECTRICAL SPECIFICATIONS
Parameter
Symbol
Value
Units
Supply Voltage
VDD
7.5 – 24
V
Peak Output Current
IPEAK
5
A
FEATURES
• ±5A Peak Current Output
• Up to 600KHz Switching Frequency
• Protected Integrated Power 150mΩ Switches
• 30ns Switch Dead Time
• All Switches Current Limited
• Under Voltage Protection
• Thermal Protection
• 4µA Quiescent Current at Shutdown
• Fault Output Flag
• Stereo Single-Ended: 20W/Channel, 4Ω Load
• Bridge Tied-Load Output Power: 40W, 8Ω Load
APPLICATIONS
• Class D Audio Drivers
“MPS” and “The Future of Analog IC Technology” are Trademarks of Monolithic
Power Systems, Inc.
EV8042DF-00B EVALUATION BOARD
(L x W x H) 4.0” x 3.5” x 1.0”
(10.2cm x 8.9cm x 2.5cm)
Board Number
MPS IC Number
EV8042DF-00B
MP8042DF


Similar Part No. - MP8042DF

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP8042DF MPS-MP8042DF Datasheet
282Kb / 9P
High Current, Dual Channel Power Half-Bridge
MP8042DF MPS-MP8042DF Datasheet
285Kb / 5P
High Current, Dual Channel Power Half-Bridge Evaluation Board
More results

Similar Description - MP8042DF

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
2955-2 ALLEGRO-2955-2 Datasheet
260Kb / 3P
HIGH-CURRENT HALF-BRIDGE POWER DRIVER
2955-2 ALLEGRO-2955-2 Datasheet
260Kb / 3P
HIGH-CURRENT HALF-BRIDGE POWER DRIVER
logo
IXYS Corporation
99026 IXYS-99026 Datasheet
839Kb / 8P
HALF BRIDGE DRIVER Evaluation Board
EV6R11 IXYS-EV6R11 Datasheet
780Kb / 7P
IX6R11 HALF BRIDGE DRIVER Evaluation Board
logo
Monolithic Power System...
MP8042 MPS-MP8042 Datasheet
282Kb / 9P
High Current, Dual Channel Power Half-Bridge
MP8046 MPS-MP8046 Datasheet
234Kb / 9P
28V, 5A Dual Channel Power Half-Bridge
EV8042DF-00C MPS-EV8042DF-00C Datasheet
285Kb / 5P
High Current, Dual Channel Power Half-Bridge Evaluation Board
EV8046DF-00A MPS-EV8046DF-00A Datasheet
230Kb / 5P
High Current, Dual Channel Power Half-Bridge Evaluation Board
EV8048DQK-00A MPS-EV8048DQK-00A Datasheet
338Kb / 8P
22V, 4A Quad Channel Power Half-Bridge Evaluation Board
EV8049S-U-00A MPS-EV8049S-U-00A Datasheet
232Kb / 6P
24V 5.5A Quad Channel Power Half-Bridge Evaluation Board
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com