Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA631 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # SA631
Description  1GHz low voltage LNA and mixer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA631 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button SA631 Datasheet HTML 8Page - NXP Semiconductors SA631 Datasheet HTML 9Page - NXP Semiconductors SA631 Datasheet HTML 10Page - NXP Semiconductors SA631 Datasheet HTML 11Page - NXP Semiconductors SA631 Datasheet HTML 12Page - NXP Semiconductors SA631 Datasheet HTML 13Page - NXP Semiconductors SA631 Datasheet HTML 14Page - NXP Semiconductors SA631 Datasheet HTML 15Page - NXP Semiconductors SA631 Datasheet HTML 16Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Philips Semiconductors
Product specification
SA631
1GHz low voltage LNA and mixer
1998 Jan 08
13
Table 3. Typical S-Parameters of Mixer at 3V
Mixer
Freq (MHz)
|S11|
(U)
<S11 (deg)
100
0.73
–11
122
0.73
–147
144
0.72
–16
166
0.72
–19
188
0.72
–21
210
0.71
–24
232
0.70
–27
254
0.70
–29
276
0.69
–32
298
0.68
–34
320
0.67
–37
342
0.66
–39
364
0.64
–42
386
0.63
–44
408
0.62
–46
430
0.61
–48
452
0.59
–50
474
0.58
–52
496
0.57
–53
518
0.56
–54
540
0.55
–56
562
0.55
–57
584
0.54
–59
606
0.54
–61
628
0.54
–62
650
0.54
–64
Mixer
Freq (MHz)
|S11|
(U)
<S11 (deg)
672
0.54
–65
694
0.54
–67
716
0.54
–69
738
0.54
–71
760
0.54
–73
782
0.55
–76
804
0.55
–78
826
0.55
–80
848
0.55
–82
870
0.55
–85
892
0.56
–87
914
0.55
–90
936
0.56
–93
958
0.56
–96
980
0.56
–98
1002
0.56
–101
1024
0.57
–104
1046
0.57
–106
1068
0.57
–110
1090
0.57
–112
1112
0.57
–115
1134
0.57
–118
1156
0.57
–121
1178
0.57
–124
1200
0.57
–127



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com