Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP1519DQL Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP1519DQL
Description  1x, 1.5x, 2x High Efficiency Charge Pump 3 White LED Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1519DQL Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP1519DQL Datasheet HTML 1Page - Monolithic Power Systems MP1519DQL Datasheet HTML 2Page - Monolithic Power Systems MP1519DQL Datasheet HTML 3Page - Monolithic Power Systems MP1519DQL Datasheet HTML 4Page - Monolithic Power Systems MP1519DQL Datasheet HTML 5Page - Monolithic Power Systems MP1519DQL Datasheet HTML 6Page - Monolithic Power Systems MP1519DQL Datasheet HTML 7Page - Monolithic Power Systems MP1519DQL Datasheet HTML 8Page - Monolithic Power Systems MP1519DQL Datasheet HTML 9Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
MP1519L – 1X, 1.5X, 2X CHARGE PUMP 3 WHITE LED DRIVER
MP1519L Rev. 1.3
www.MonolithicPower.com
3
7/27/2006
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2006 MPS. All Rights Reserved.
TM
TYPICAL PERFORMANCE CHARACTERISTICS
Analog Dimming
Circuit of Figure 3, VBATT = 3.6V
16
14
12
10
8
6
4
2
0
0123
DC VOLTAGE (V)
12
11
10
9
8
7
6
2.5
3.0
3.5
4.0
4.5
SUPPLY VOLTAGE (V)
LED Current Matching
LED1
LED2
LED3
Startup in 1.5x Mode
3 x 10mA LEDs
Voltage Ripple
in 1.5x Mode
3 x 10mA LEDs
Startup in 1x Mode
3 x 10mA LEDs
VBATT
20mV/div.
VLEDC
20mV/div.
VEN
2V/div.
VLEDC
1V/div.
IBATT
100mA/div.
VEN
2V/div.
VLEDC
1V/div.
IBATT
100mA/div.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com