Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP1519DQL Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP1519DQL
Description  1x, 1.5x, 2x High Efficiency Charge Pump 3 White LED Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1519DQL Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP1519DQL Datasheet HTML 1Page - Monolithic Power Systems MP1519DQL Datasheet HTML 2Page - Monolithic Power Systems MP1519DQL Datasheet HTML 3Page - Monolithic Power Systems MP1519DQL Datasheet HTML 4Page - Monolithic Power Systems MP1519DQL Datasheet HTML 5Page - Monolithic Power Systems MP1519DQL Datasheet HTML 6Page - Monolithic Power Systems MP1519DQL Datasheet HTML 7Page - Monolithic Power Systems MP1519DQL Datasheet HTML 8Page - Monolithic Power Systems MP1519DQL Datasheet HTML 9Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
MP1519L
1x, 1.5x, 2x High Efficiency Charge Pump
3 White LED Driver
MP1519L Rev. 1.3
www.MonolithicPower.com
1
7/27/2006
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2006 MPS. All Rights Reserved.
The Future of Analog IC Technology
TM
TM
DESCRIPTION
The MP1519L is a fully automatic driver for
powering three white LEDs, with up to 4V
forward voltage, from a single Li-Ion or three
NiMH cells. The driver performs all of the
sensing and control to run the LEDs at an
optimum charge pump ratio for efficiency
without an expensive inductor. The driver
allows PWM operation to support brightness
control.
The tiny 3mm x 3mm QFN16 package and
small external capacitors allow for the most
compact white LED solution available.
EVALUATION BOARD REFERENCE
Board Number
Dimensions
EV1519DQL-00A
2.4”X x 1.9”Y x 0.4”Z
FEATURES
• 2% LED Current Matching
• High Efficiency (>93%)
• Current Source Outputs
• No Ballast Resistors Required
• 1x, 1.5x and 2x Automatic Modes
• Constant Frequency Operation
• Automatic LED Detection
• High and Low Frequency PWM Capability
• 2.5V to 5.5V Operation
• Less than 1µA Leakage during Shutdown
• Detects Changes in Battery Level
• No External Schottky Diode Required
• Soft-Start and Soft Switching Operation
APPLICATIONS
• Cell Phones
• PDA or Hand Held Computers
• White LED Application at 3.6V Supply
“MPS” and “The Future of Analog IC Technology” are Trademarks of Monolithic
Power Systems, Inc.
TYPICAL APPLICATION
MP1519L
C1A
C1B
C2A
C2B
LED1
LED2
LED3
BATT
EN
RADJ
GND
LEDC
GND
ENABLE
BATT
LED3
LED2
LED1
4
7
6
9
14
15
16
5, 13
12
11
3, 10
8
100
90
80
70
60
50
40
30
20
10
2.5
3.0
3.5
4.0
4.5
SUPPLY VOLTAGE (V)
ILED=20mA
ILED=10mA
ILED=5mA
Efficiency vs
Supply Voltage
VLED = 3.23V @ 20mA


Similar Part No. - MP1519DQL

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP1519DQL MPS-MP1519DQL Datasheet
179Kb / 3P
1x, 1.5x, 2x High Efficiency Charge Pump 3 White LED Driver Evaluation Board
More results

Similar Description - MP1519DQL

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3152 ANALOGICTECH-AAT3152 Datasheet
123Kb / 10P
High Efficiency 1X/1.5X/2X Charge Pump For White LED Applications
logo
Advanced Analog Technol...
AAT3140 AAT-AAT3140 Datasheet
483Kb / 16P
High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
3140.2007.03.1.3
AAT3142 AAT-AAT3142 Datasheet
481Kb / 16P
High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
3142.2007.03.1.2
logo
Monolithic Power System...
EV1519DQL-00A MPS-EV1519DQL-00A Datasheet
179Kb / 3P
1x, 1.5x, 2x High Efficiency Charge Pump 3 White LED Driver Evaluation Board
MP1519 MPS-MP1519 Datasheet
211Kb / 8P
1x, 1.5x, 2x High Efficiency Charge Pump 4 White LED Driver
MP3011 MPS-MP3011 Datasheet
218Kb / 8P
1x, 1.5x, 2x High Efficiency Charge Pump 2 White LED Driver
logo
Anpec Electronics Corop...
APW7008 ANPEC-APW7008 Datasheet
318Kb / 21P
1X/1.5X/2x Charge Pump White LED Driver
APW7000 ANPEC-APW7000 Datasheet
300Kb / 18P
1X/1.5X/2x Charge Pump White LED Driver
APW7008 ANPEC-APW7008_12 Datasheet
309Kb / 22P
1X/1.5X/2x Charge Pump White LED Driver
logo
SiGe Semiconductor, Inc...
AATIAN58 SIGE-AATIAN58 Datasheet
86Kb / 4P
High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com